Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLH Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # CLH
Description  SMD Ceramic Multilayer Chip Inductors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CLH Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button CLH Datasheet HTML 9Page - List of Unclassifed Manufacturers CLH Datasheet HTML 10Page - List of Unclassifed Manufacturers CLH Datasheet HTML 11Page - List of Unclassifed Manufacturers CLH Datasheet HTML 12Page - List of Unclassifed Manufacturers CLH Datasheet HTML 13Page - List of Unclassifed Manufacturers CLH Datasheet HTML 14Page - List of Unclassifed Manufacturers CLH Datasheet HTML 15Page - List of Unclassifed Manufacturers CLH Datasheet HTML 16Page - List of Unclassifed Manufacturers CLH Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
SMD Multilayer Ceramic Chip Inductors - CLH Series
Test Instruments:Agilent E4991A Material/Impedance Analyzer
CLH1005T-1N0S-S-NP
0.0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.07Ω SRF:10000MHz IDC:400mA
0
10
20
30
40
50
60
CLH1005T-1N2S-S-NP
0.0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.09Ω SRF:10000MHz IDC:400mA
0
10
20
30
40
50
60
CLH1005T-1N5S-S-NP
0.0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.10Ω SRF:9000MHz IDC:400mA
0
10
20
30
40
50
60
CLH1005T-1N8S-S-NP
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.10Ω SRF:8700MHz IDC:400mA
0
10
20
30
40
50
60
CLH1005T-2N0S-S-NP
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.10Ω SRF:8100MHz IDC:400mA
0
10
20
30
40
50
60
CLH1005T-2N2S-S-NP
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.12Ω SRF:8100MHz IDC:400mA
0
10
20
30
40
50
60
CLH1005T-2N4S-S-NP
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.15Ω SRF:7700MHz IDC:400mA
0
10
20
30
40
50
60
CLH1005T-2N7S-S-NP
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.15Ω SRF:7700MHz IDC:400mA
0
10
20
30
40
50
60
CLH1005T-3N0S-S-NP
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.15Ω SRF:6300MHz IDC:400mA
0
10
20
30
40
50
60
CLH1005T-3N3S-S-NP
0
1
2
3
4
5
6
7
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.15Ω SRF:6300MHz IDC:400mA
0
10
20
30
40
50
60
CLH1005T-3N6S-S-NP
0
1
2
3
4
5
6
7
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.15Ω SRF:6100MHz IDC:400mA
0
10
20
30
40
50
60
CLH1005T-3N9S-S-NP
0
1
2
3
4
5
6
7
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.18Ω SRF:6100MHz IDC:400mA
0
10
20
30
40
50
60
CLH1005T-4N3S-S-NP
0
1
2
3
4
5
6
7
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.18Ω SRF:6000MHz IDC:400mA
0
10
20
30
40
50
60
CLH1005T-4N7S-S-NP
0
1
2
3
4
5
6
7
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.18Ω SRF:6000MHz IDC:400mA
0
10
20
30
40
50
60
CLH1005T-5N1S-S-NP
0
1
2
3
4
5
6
7
8
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.20Ω SRF:5300MHz IDC:400mA
0
10
20
30
40
50
60
CLH1005T-5N6S-S-NP
0
1
2
3
4
5
6
7
8
9
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.20Ω SRF:5100MHz IDC:400mA
0
10
20
30
40
50
60
CLH1005T-6N2S-S-NP
0
1
2
3
4
5
6
7
8
9
10
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.22Ω SRF:4500MHz IDC:400mA
0
10
20
30
40
50
60
CLH1005T-6N8J-S-NP
0
1
2
3
4
5
6
7
8
9
10
11
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.24Ω SRF:4550MHz IDC:400mA
0
10
20
30
40
50
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com