Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLH Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # CLH
Description  SMD Ceramic Multilayer Chip Inductors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CLH Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button CLH Datasheet HTML 17Page - List of Unclassifed Manufacturers CLH Datasheet HTML 18Page - List of Unclassifed Manufacturers CLH Datasheet HTML 19Page - List of Unclassifed Manufacturers CLH Datasheet HTML 20Page - List of Unclassifed Manufacturers CLH Datasheet HTML 21Page - List of Unclassifed Manufacturers CLH Datasheet HTML 22Page - List of Unclassifed Manufacturers CLH Datasheet HTML 23Page - List of Unclassifed Manufacturers CLH Datasheet HTML 24Page - List of Unclassifed Manufacturers CLH Datasheet HTML 25Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
SMD Multilayer Ceramic Chip Inductors – CLH Series
Test Instruments:
Agilent E4991A Material/Impedance Analyzer
CLH1608T-33NJ-H
0
10
20
30
40
50
60
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.55Ω SRF:1580MHZ IDC:400mA
0
10
20
30
40
50
60
CLH1608T-39NJ-H
0
10
20
30
40
50
60
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.60Ω SRF:1400MHZ IDC:300mA
0
5
10
15
20
25
30
35
40
45
50
55
60
CLH1608T-47NJ-H
0
20
40
60
80
100
120
140
160
180
200
1
10
100
1000
10000
FREQENCY.(MHz)
RDC<0.70Ω SRF:1200MHZ IDC:300mA
0
5
10
15
20
25
30
35
CLH1608T-56NJ-H
0
20
40
60
80
100
120
140
160
180
200
1
10
100
1000
10000
FREQENCY.(MHz)
RDC<0.75Ω SRF:1100MHZ IDC:300mA
0
5
10
15
20
25
30
35
CLH1608T-62NJ-H
0
20
40
60
80
100
120
140
160
180
200
1
10
100
1000
10000
FREQENCY.(MHz)
RDC<0.85Ω SRF:1050MHZ IDC:300mA
0
5
10
15
20
25
30
35
CLH1608T-68NJ-H
0
20
40
60
80
100
120
140
160
180
200
1
10
100
1000
10000
FREQENCY .(MHz)
RDC<0.85Ω SRF:1050MHZ IDC:300mA
0
5
10
15
20
25
30
35
CLH1608T-82NJ-H
0
20
40
60
80
100
120
140
160
180
200
1
10
100
1000
10000
FREQENCY.(MHz)
RDC<1.0Ω SRF:900MHZ IDC:300mA
0
5
10
15
20
25
30
CLH1608T-R10J-H
0
100
200
300
400
500
600
1
10
100
1000
10000
FREQENCY.(MHz)
RDC<1.20Ω SRF:850MHZ IDC:300mA
0
5
10
15
20
25
30
CLH1608T-R12J-H
0
50
100
150
200
250
300
350
400
450
500
550
600
1
10
100
1000
FREQUENCY(MHz)
RDC<2.3Ω SRF:850MHZ IDC:250mA
0
5
10
15
20
25
30
CLH1608T-R15J-H
0
100
200
300
400
500
600
1
10
100
1000
FREQUENCY(MHz)
RDC<2.4Ω SRF:550MHZ IDC:250mA
0
5
10
15
20
25
30
CLH1608T-R18J-H
0
50
100
150
200
250
300
350
400
450
500
550
600
1
10
100
1000
FREQUENCY(MHz)
RDC<2.7Ω SRF:520MHZ IDC:250mA
0
5
10
15
20
25
30
CLH1608T-R22J-H
0
50
100
150
200
250
300
350
400
450
500
550
600
1
10
100
1000
FREQUENCY(MHz)
RDC<3.0Ω SRF:500MHZ IDC:250mA
0
5
10
15
20
25
30
CLH1608T-R27J-H
0
50
100
150
200
250
300
350
400
450
500
550
600
1
10
100
1000
FREQUENCY(MHz)
RDC<3.5Ω SRF:470MHZ IDC:150mA
0
5
10
15
20
25
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com