Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLH Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # CLH
Description  SMD Ceramic Multilayer Chip Inductors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CLH Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  CLH Datasheet HTML 1Page - List of Unclassifed Manufacturers CLH Datasheet HTML 2Page - List of Unclassifed Manufacturers CLH Datasheet HTML 3Page - List of Unclassifed Manufacturers CLH Datasheet HTML 4Page - List of Unclassifed Manufacturers CLH Datasheet HTML 5Page - List of Unclassifed Manufacturers CLH Datasheet HTML 6Page - List of Unclassifed Manufacturers CLH Datasheet HTML 7Page - List of Unclassifed Manufacturers CLH Datasheet HTML 8Page - List of Unclassifed Manufacturers CLH Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
SMD Ceramic Multilayer Chip Inductors – CLH Series
Test Instruments:Agilent E4991A Material/Impedance Analyzer
CLH0603T-56NJ-F
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
10000
FREQUENCY (MHz)
RDC<2.27Ω SRF>1100MHz Rated current:80 mA
0
10
20
30
40
50
60
70
80
CLH0603T-68NJ-F
0
20
40
60
80
100
120
140
160
180
200
1
10
100
1000
10000
FREQUENCY (MHz)
RDC<2.66Ω SRF>1100MHz Rated current:80 mA
0
10
20
30
40
50
60
70
80
CLH0603T-82NJ-F
0
20
40
60
80
100
120
140
160
180
200
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<3.37Ω SRF>1000MHz Rated current:70 mA
0
2
4
6
8
10
12
CLH0603T-R10J-F
0
100
200
300
400
500
600
700
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<3.74Ω SRF>900MHz Rated current:60 mA
0
2
4
6
8
10
12
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com