Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLH Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # CLH
Description  SMD Ceramic Multilayer Chip Inductors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CLH Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button CLH Datasheet HTML 5Page - List of Unclassifed Manufacturers CLH Datasheet HTML 6Page - List of Unclassifed Manufacturers CLH Datasheet HTML 7Page - List of Unclassifed Manufacturers CLH Datasheet HTML 8Page - List of Unclassifed Manufacturers CLH Datasheet HTML 9Page - List of Unclassifed Manufacturers CLH Datasheet HTML 10Page - List of Unclassifed Manufacturers CLH Datasheet HTML 11Page - List of Unclassifed Manufacturers CLH Datasheet HTML 12Page - List of Unclassifed Manufacturers CLH Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
SMD Ceramic Multilayer Chip Inductors – CLH Series
Electrical Characteristics
Part Number
Inductance
(nH)
at 100MHz
Tolerance
(±%)
Q Min
at 100MHz
SRF
(MHz) Typ.
DC Resistance
(Ω) Max
IDC
(mA) Max
CLH1005T-1N0-H
1.0
±0.3nH
8
10000
0.07
400
CLH1005T-1N2-H
1.2
±0.3nH
8
10000
0.09
400
CLH1005T-1N5-H
1.5
±0.3nH
8
9000
0.10
400
CLH1005T-1N8-H
1.8
±0.3nH
8
8700
0.10
400
CLH1005T-2N2-H
2.2
±0.3nH
8
8100
0.12
400
CLH1005T-2N7-H
2.7
±0.3nH
8
7700
0.15
400
CLH1005T-3N0-H
3.0
±0.3nH
8
6300
0.15
400
CLH1005T-3N3-H
3.3
±0.3nH/10
8
6300
0.15
400
CLH1005T-3N9-H
3.9
±0.3nH/10
8
6100
0.18
400
CLH1005T-4N7-H
4.7
±0.3nH/10
8
6000
0.18
400
CLH1005T-5N6-H
5.6
±0.3nH/10
8
5100
0.20
400
CLH1005T-6N8-H
6.8
5 / 10
8
4550
0.24
400
CLH1005T-8N2-H
8.2
5 / 10
8
4100
0.24
300
CLH1005T-10N-H
10
5 / 10
8
3900
0.26
300
CLH1005T-12N-H
12
5 / 10
8
3000
0.40
300
CLH1005T-15N-H
15
5 / 10
8
2800
0.50
300
CLH1005T-18N-H
18
5 / 10
8
2500
0.55
300
CLH1005T-22N-H
22
5 / 10
8
2200
0.70
300
CLH1005T-27N-H
27
5 / 10
8
2000
0.80
300
CLH1005T-33N-H
33
5 / 10
8
1800
0.9
200
CLH1005T-39N-H
39
5 / 10
8
1600
1.0
150
CLH1005T-47N-H
47
5 / 10
8
1400
1.2
150
CLH1005T-56N-H
56
5 / 10
8
1300
1.3
150
CLH1005T-68N-H
68
5 / 10
8
1100
1.5
100
CLH1005T-82N-H
82
5 / 10
8
1000
1.6
100
CLH1005T-R10-H
100
5 / 10
8
900
2.0
100
CLH1005T-R12-H
120
5 / 10
8
800
2.2
100
CLH1005T-R15-H
150
5 / 10
8
700
3.5
100
CLH1005T-R18-H
180
5 / 10
8
600
3.8
100
CLH1005T-R22-H
220
5 / 10
8
500
4.2
100
CLH1005T-R27-H
270
5 / 10
8
500
4.8
100
Tolerance:S = ± 0.3nH , J = ± 5% , K = ± 10%
Test Instruments:
L/Q:Agilent E4991A + Fixture:Agilent 16197A
SRF:HP8753D
RDC:HP4338B/ CH502BC
Test Instruments:
Agilent E4991A Material/Impedance Analyzer
CLH1005T-1N0S-H
0
0.5
1
1.5
2
2.5
3
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.07Ω SRF:10000MHZ IDC:400mA
0
5
10
15
20
25
30
35
40
45
CLH1005T-1N2S-H
0
0.5
1
1.5
2
2.5
3
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.09Ω SRF:1000MHZ IDC:400mA
0
5
10
15
20
25
30
35
40
45
CLH1005T-1N5S-H
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.1Ω SRF:9000MHZ IDC:400mA
0
5
10
15
20
25
30
35
40
45
cv



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com