Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLH Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CLH
Description  SMD Ceramic Multilayer Chip Inductors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CLH Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CLH Datasheet HTML 1Page - List of Unclassifed Manufacturers CLH Datasheet HTML 2Page - List of Unclassifed Manufacturers CLH Datasheet HTML 3Page - List of Unclassifed Manufacturers CLH Datasheet HTML 4Page - List of Unclassifed Manufacturers CLH Datasheet HTML 5Page - List of Unclassifed Manufacturers CLH Datasheet HTML 6Page - List of Unclassifed Manufacturers CLH Datasheet HTML 7Page - List of Unclassifed Manufacturers CLH Datasheet HTML 8Page - List of Unclassifed Manufacturers CLH Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
SMD Ceramic Multilayer Chip Inductors – CLH Series
Electrical Characteristics
Part Number
Inductance
(nH)
at 100MHz
Tolerance
(±%)
Q Min
at 100MHz
SRF
(MHz) Min
DC Resistance
(Ω) Max
Rated Current
(mA) Max
CLH0603T-1N0□-F
1.0
±
0.3nH
4
>10000
0.11
470
CLH0603T-1N2□-F
1.2
±
0.3nH
4
>10000
0.12
450
CLH0603T-1N5□-F
1.5
±
0.3nH
4
>10000
0.13
430
CLH0603T-1N8□-F
1.8
±
0.3nH
4
>10000
0.16
390
CLH0603T-2N0□-F
2.0
±
0.3nH
4
>10000
0.17
380
CLH0603T-2N2□-F
2.2
±
0.3nH
4
8800
0.19
360
CLH0603T-2N4□-F
2.4
±
0.3nH
4
8300
0.20
350
CLH0603T-2N7□-F
2.7
±
0.3nH
4
7700
0.21
340
CLH0603T-3N0□-F
3.0
±
0.3nH
4
7200
0.22
330
CLH0603T-3N3□-F
3.3
±
0.3nH
4
6700
0.23
320
CLH0603T-3N6□-F
3.6
±
0.3nH
4
6400
0.25
310
CLH0603T-3N9□-F
3.9
±
0.3nH
4
6000
0.27
300
CLH0603T-4N3□-F
4.3
±
0.3nH
4
5700
0.30
280
CLH0603T-4N7□-F
4.7
±
0.3nH
4
5300
0.30
280
CLH0603T-5N1□-F
5.1
±
0.3nH
4
5000
0.33
270
CLH0603T-5N6□-F
5.6
±
0.3nH
4
4600
0.36
260
CLH0603T-6N2□-F
6.2
±
0.3nH
4
4200
0.38
250
CLH0603T-6N8□-F
6.8
5
4
3900
0.39
250
CLH0603T-7N5□-F
7.5
5
4
3600
0.41
240
CLH0603T-8N2□-F
8.2
5
4
3400
0.45
230
CLH0603T-9N1□-F
9.1
5
4
3200
0.48
220
CLH0603T-10N□-F
10
5
4
2900
0.51
220
CLH0603T-12N□-F
12
5
4
2700
0.68
190
CLH0603T-15N□-F
15
5
4
2300
0.71
180
CLH0603T-18N□-F
18
5
4
2100
0.81
170
CLH0603T-22N□-F
22
5
4
1800
1.00
150
CLH0603T-27N□-F
27
5
4
1800
1.35
120
CLH0603T-33N□-F
33
5
4
1700
1.47
110
CLH0603T-39N□-F
39
5
4
1500
1.72
100
CLH0603T-47N□-F
47
5
4
1300
1.90
100
CLH0603T-56N□-F
56
5
4
1100
2.27
80
CLH0603T-68N□-F
68
5
4
1100
2.66
80
CLH0603T-82N□-F
82
5
4
1000
3.37
70
CLH0603T-R10□-F
100
5
4
900
3.74
60
Tolerance:S = ± 0.3 nH;J = ± 5%
Test Instruments: L/Q :
Agilent E4991A + Fixture:Agilent 16197A
SRF:
Agilent E4991A / HP19196C
RDC:
HP4338B/ CH502BC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com