Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLH Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CLH
Description  SMD Ceramic Multilayer Chip Inductors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CLH Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CLH Datasheet HTML 1Page - List of Unclassifed Manufacturers CLH Datasheet HTML 2Page - List of Unclassifed Manufacturers CLH Datasheet HTML 3Page - List of Unclassifed Manufacturers CLH Datasheet HTML 4Page - List of Unclassifed Manufacturers CLH Datasheet HTML 5Page - List of Unclassifed Manufacturers CLH Datasheet HTML 6Page - List of Unclassifed Manufacturers CLH Datasheet HTML 7Page - List of Unclassifed Manufacturers CLH Datasheet HTML 8Page - List of Unclassifed Manufacturers CLH Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
SMD Ceramic Multilayer Chip Inductors - CLH Series
CLH Series
The CLH Series is a type of ceramic chip inductor produced using the
multilayer technology. The series provides excellent Q factor and SRF
characteristics and is suitable for high frequency applications.
Features
Applications
 RoHS compliant
 Excellent Q factor and SRF characteristics
 Small size of 1005/1608 is suitable for small portable devices
 Supports operating frequency up to 6GHz with nominal inductance
values from 1.0nH to 470nH.
 RF resonance and impedance matching circuit
 RF and wireless communication
 Information technology equipment, computers,
telecommunications, radar detectors, automotive electronics,
cellular phones, pagers, PDAs, keyless remote systems
 L-C filter configurations
Product Identification
 Packing Type: T: Taping B: Bulk
 Product series identification:
CLH0603-F: Top side half mark.
CLH1005-S: Top side full mark.
CLH1005-H: Top side half mark.
CLH1608-S: Top side full mark.
CLH1608-H: Top side half mark.
CLH2012-S: White
Shape and Dimensions
Recommended Pattern
CLH0603-F Series
CLH1005-H Series
CLH1608-H Series
CLH1005-S Series
CLH1608-S Series
CLH2012-S Series
Dimensions in mm
TYPE
A
B
C
D
0603
0.6±0.03
0.3±0.03
0.3±0.03
0.15±0.05
1005
1.0±0.10
0.5±0.10
0.5±0.10
0.25±0.10
1608
1.6±0.15
0.8±0.15
0.8±0.15
0.3±0.2
2012
< 390 nH
2.0±0.2
1.25±0.2
0.9±0.2
0.5±0.3
2012
≧ 390 nH
2.0±0.2
1.25±0.2
1.2±0.2
0.5±0.3
Dimensions in mm
TYPE
A
B
C
CLH0603
0.3
0.75 ~ 1.05
0.3
CLH1005
0.4
1.2 ~ 1.4
0.5
CLH1608
0.7 ~ 0.8
1.8 ~ 2.0
0.6 ~ 0.8
CLH2012
1.0 ~ 1.2
2.6 ~ 4.0
1.0 ~ 1.2


Similar Part No. - CLH

ManufacturerPart #DatasheetDescription
logo
Carlo Gavazzi Holding A...
CLH CARLOGAVAZZI-CLH Datasheet
152Kb / 2P
Conductive Sensors Level Probes
08.04.2011
logo
Tyco Electronics
CLH-41-20120 MACOM-CLH-41-20120 Datasheet
51Kb / 2P
Delay on operate timing mode
CLH-41-20120 MACOM-CLH-41-20120 Datasheet
51Kb / 2P
Compact Time Delay Relay
CLH-41-30010 MACOM-CLH-41-30010 Datasheet
51Kb / 2P
Delay on operate timing mode
CLH-41-30010 MACOM-CLH-41-30010 Datasheet
51Kb / 2P
Compact Time Delay Relay
More results

Similar Description - CLH

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AIMC-0805 ABRACON-AIMC-0805 Datasheet
59Kb / 1P
MULTILAYER CERAMIC CHIP INDUCTORS
logo
Sumida Corporation
SCI-B1608-10N SUMIDA-SCI-B1608-10N Datasheet
333Kb / 2P
Multilayer Chip Ceramic Inductors
logo
Abracon Corporation
AIMC-0603 ABRACON-AIMC-0603 Datasheet
1Mb / 2P
MULTILAYER CHIP CERAMIC INDUCTORS
06.01.11
logo
List of Unclassifed Man...
CHQ ETC2-CHQ Datasheet
446Kb / 7P
SMD Ceramic Multilayer Chip Inductors
logo
Frontier Electronics.
TF060303 FRONTIER-TF060303 Datasheet
144Kb / 2P
SMD MULTILAYER CERAMIC CHIP INDUCTORS
TF100505 FRONTIER-TF100505_15 Datasheet
125Kb / 2P
SMD MULTILAYER CERAMIC CHIP INDUCTORS
TF160808 FRONTIER-TF160808_15 Datasheet
115Kb / 2P
SMD MULTILAYER CERAMIC CHIP INDUCTORS
logo
Shanghai Leiditech Elec...
LMH LEIDITECH-LMH Datasheet
6Mb / 22P
SMD Ceramic Multilayer Chip Inductors
LSCQ LEIDITECH-LSCQ Datasheet
7Mb / 13P
SMD Ceramic Multilayer Chip Inductors
logo
RFE international
SCLH RFE-SCLH Datasheet
1Mb / 14P
SMD Ceramic Multilayer Chip Inductors
23-OCT-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com