Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLH Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # CLH
Description  SMD Ceramic Multilayer Chip Inductors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CLH Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button CLH Datasheet HTML 17Page - List of Unclassifed Manufacturers CLH Datasheet HTML 18Page - List of Unclassifed Manufacturers CLH Datasheet HTML 19Page - List of Unclassifed Manufacturers CLH Datasheet HTML 20Page - List of Unclassifed Manufacturers CLH Datasheet HTML 21Page - List of Unclassifed Manufacturers CLH Datasheet HTML 22Page - List of Unclassifed Manufacturers CLH Datasheet HTML 23Page - List of Unclassifed Manufacturers CLH Datasheet HTML 24Page - List of Unclassifed Manufacturers CLH Datasheet HTML 25Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
SMD Multilayer Ceramic Chip Inductors – CLH Series
Electrical Characteristics
Part Number
Inductance
(nH)
at 100MHz
Tolerance
(±%)
Q Min
at
50MHz
100MHz
SRF
(MHz) Typ.
DC Resistance
(Ω) Max
IDC
(mA) Max
CLH2012T-1N0-S
1.0
±
0.3nH
10
> 6000
0.10
300
CLH2012T-1N2-S
1.2
±
0.3nH
10
> 6000
0.10
300
CLH2012T-1N5-S
1.5
±
0.3nH
10
> 6000
0.10
300
CLH2012T-1N8-S
1.8
±
0.3nH
10
> 6000
0.10
300
CLH2012T-2N2-S
2.2
±
0.3nH
10
> 6000
0.10
300
CLH2012T-2N7-S
2.7
±
0.3nH
12
> 6000
0.10
300
CLH2012T-3N3-S
3.3
±
0.3nH/10
12
> 6000
0.13
300
CLH2012T-3N9-S
3.9
±
0.3nH/10
12
5400
0.15
300
CLH2012T-4N7-S
4.7
±
0.3nH/10
12
4500
0.20
300
CLH2012T-5N6-S
5.6
±
0.3nH/10
12
4000
0.23
300
CLH2012T-6N8-S
6.8
5 / 10
15
3650
0.25
300
CLH2012T-8N2-S
8.2
5 / 10
15
3000
0.28
300
CLH2012T-10N-S
10
5 / 10
15
2500
0.30
300
CLH2012T-12N-S
12
5 / 10
15
2450
0.35
300
CLH2012T-15N-S
15
5 / 10
15
2000
0.40
300
CLH2012T-18N-S
18
5 / 10
15
1750
0.45
300
CLH2012T-22N-S
22
5 / 10
15
1700
0.50
300
CLH2012T-27N-S
27
5 / 10
15
1550
0.55
300
CLH2012T-33N-S
33
5 / 10
15
1350
0.60
300
CLH2012T-39N-S
39
5 / 10
18
1300
0.65
300
CLH2012T-47N-S
47
5 / 10
18
1200
0.70
300
CLH2012T-56N-S
56
5 / 10
18
1150
0.75
300
CLH2012T-68N-S
68
5 / 10
18
1000
0.80
300
CLH2012T-82N-S
82
5 / 10
18
850
0.90
300
CLH2012T-R10-S
100
5 / 10
18
730
1.00
300
CLH2012T-R12-S
* 120
5 / 10
13
650
1.20
300
CLH2012T-R15-S
* 150
5 / 10
13
550
1.40
300
CLH2012T-R18-S
* 180
5 / 10
13
500
1.80
300
CLH2012T-R22-S
* 220
5 / 10
12
450
2.00
300
CLH2012T-R27-S
* 270
5 / 10
12
400
2.50
200
CLH2012T-R33-S
* 330
5 / 10
12
380
3.00
200
CLH2012T-R39-S
* 390
5 / 10
10
330
3.50
200
CLH2012T-R47-S
* 470
5 / 10
10
300
4.00
200
* at 50MHz
Tolerance:S = ± 0.3nH , J = ± 5% , K = ± 10%
Test Instruments: L/Q:Agilent E4991A + Fixture:Agilent 16197A
SRF:HP8753D
RDC:HP4338B/ CH502BC
Test Instruments:Agilent E4991A Material/Impedance Analyzer
CLH2012T-1N0S-S
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.1Ω SRF:>6000MHz IDC:300mA
0
20
40
60
80
100
120
140
160
CLH2012T-1N2S-S
0
0.5
1
1.5
2
2.5
1
10
100
1000
10000
0
20
40
60
80
100
120
140
FREQUENCY(MHz)
RDC<0.1Ω SRF:>6000MHz IDC:300mA
CLH2012T-1N5S-S
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.1Ω SRF:>6000MHz IDC:300mA
0
20
40
60
80
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com