Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLH Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # CLH
Description  SMD Ceramic Multilayer Chip Inductors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CLH Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button CLH Datasheet HTML 2Page - List of Unclassifed Manufacturers CLH Datasheet HTML 3Page - List of Unclassifed Manufacturers CLH Datasheet HTML 4Page - List of Unclassifed Manufacturers CLH Datasheet HTML 5Page - List of Unclassifed Manufacturers CLH Datasheet HTML 6Page - List of Unclassifed Manufacturers CLH Datasheet HTML 7Page - List of Unclassifed Manufacturers CLH Datasheet HTML 8Page - List of Unclassifed Manufacturers CLH Datasheet HTML 9Page - List of Unclassifed Manufacturers CLH Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
SMD Multilayer Ceramic Chip Inductors – CLH Series
Electrical Characteristics
Part Number
Inductance
(nH)
at 100MHz
Tolerance
(±%)
Q Min
at 100MHz
SRF
(MHz) Typ.
DC Resistance
(Ω) Max
IDC
(mA) Max
CLH1005T-1N0-S
1.0
±0.3nH
8
10000
0.07
400
CLH1005T-1N2-S
1.2
±0.3nH
8
10000
0.09
400
CLH1005T-1N5-S
1.5
±0.3nH
8
9000
0.10
400
CLH1005T-1N8-S
1.8
±0.3nH
8
8700
0.10
400
CLH1005T-2N0-S
2.0
±0.3nH
8
8100
0.10
400
CLH1005T-2N2-S
2.2
±0.3nH
8
8100
0.12
400
CLH1005T-2N4-S
2.4
±0.3nH
8
7700
0.15
400
CLH1005T-2N7-S
2.7
±0.3nH
8
7700
0.15
400
CLH1005T-3N0-S
3.0
±0.3nH
8
6300
0.15
400
CLH1005T-3N3-S
3.3
±0.3nH/10
8
6300
0.15
400
CLH1005T-3N6-S
3.6
±0.3nH/10
8
6100
0.15
400
CLH1005T-3N9-S
3.9
±0.3nH/10
8
6100
0.18
400
CLH1005T-4N3-S
4.3
±0.3nH/10
8
6000
0.18
400
CLH1005T-4N7-S
4.7
±0.3nH/10
8
6000
0.18
400
CLH1005T-5N6-S
5.6
±0.3nH/10
8
5100
0.20
400
CLH1005T-6N8-S
6.8
5 / 10
8
4550
0.24
400
CLH1005T-8N2-S
8.2
5 / 10
8
4100
0.24
300
CLH1005T-10N-S
10
5 / 10
8
3900
0.26
300
CLH1005T-12N-S
12
5 / 10
8
3000
0.40
300
CLH1005T-15N-S
15
5 / 10
8
2800
0.50
300
CLH1005T-18N-S
18
5 / 10
8
2500
0.55
300
CLH1005T-22N-S
22
5 / 10
8
2200
0.70
300
CLH1005T-27N-S
27
5 / 10
8
2000
0.80
300
CLH1005T-33N-S
33
5 / 10
8
1800
0.9
200
CLH1005T-39N-S
39
5 / 10
8
1600
1.0
150
CLH1005T-47N-S
47
5 / 10
8
1400
1.2
150
CLH1005T-56N-S
56
5 / 10
8
1300
1.3
150
CLH1005T-68N-S
68
5 / 10
8
1100
1.5
100
CLH1005T-82N-S
82
5 / 10
8
1000
1.6
100
CLH1005T-R10-S
100
5 / 10
8
900
2.0
100
Tolerance:S = ± 0.3nH , J = ± 5% , K = ± 10%
Test Instruments:
L/Q:Agilent E4991A + Fixture:Agilent 16197A
SRF:HP8753D
RDC:HP4338B/ CH502BC
Test Instruments:Agilent E4991A Material/Impedance Analyzer
CLH1005T-1N0S-S
0
0.5
1
1.5
2
2.5
3
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.07Ω SRF:10000MHz IDC:400 mA
0
10
20
30
40
50
CLH1005T-1N2S-S
0
0.5
1
1.5
2
2.5
3
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.09Ω SER:10000MHz IDC:400mA
0
10
20
30
40
50
CLH1005T-1N5S-S
0
0.5
1
1.5
2
2.5
3
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.1Ω SRF:9000MHz IDC:400mA
0
10
20
30
40
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com