Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3555TLE Datasheet(PDF) 1 Page - Texas Instruments

Part # LM3555TLE
Description  LM3555 Synchronous Boost Converter with 500 mA High Side LED Driver and Dual-Mode Control Interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3555TLE Datasheet(HTML) 1 Page - Texas Instruments

  LM3555TLE Datasheet HTML 1Page - Texas Instruments LM3555TLE Datasheet HTML 2Page - Texas Instruments LM3555TLE Datasheet HTML 3Page - Texas Instruments LM3555TLE Datasheet HTML 4Page - Texas Instruments LM3555TLE Datasheet HTML 5Page - Texas Instruments LM3555TLE Datasheet HTML 6Page - Texas Instruments LM3555TLE Datasheet HTML 7Page - Texas Instruments LM3555TLE Datasheet HTML 8Page - Texas Instruments LM3555TLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
LM3555
www.ti.com
SNVS594E – JANUARY 2009 – REVISED NOVEMBER 2011
LM3555 Synchronous Boost Converter with 500 mA High Side LED Driver and Dual-Mode
Control Interface
Check for Samples: LM3555
1
FEATURES
•
Dual Mode Control (General Purpose or I2C)
•
Broken Inductor Detection
2
•
High-Voltage High-Side Current Source Allows
for Grounded Cathode LED Operation
•
Output Over-Voltage Protection
•
Synchronous Boost Converter
•
Output and LED Short-Circuit Protection
•
Peak Converter Efficiency >90%
•
400kHz I2C-Compatible Interface
•
Accurate and Programmable LED Current
•
12-Bump, 1.575 mm x 2.1 mm x 0.6 mm micro
ranging from 60 mA to 500 mA
SMD Package (TLA12BCA)
•
Adaptive LED Current Range Based on LED
APPLICATIONS
Configuration
•
Dedicated Indicator Current Source
•
Camera Phone LED Flash
•
Dedicated Torch and Strobe Pins
DESCRIPTION
The LM3555 is a 2 MHz fixed frequency, current mode synchronous boost converter designed to drive either a
single flash LED at 500 mA or two series flash LEDs at 400 mA. A high-voltage current source allows the LEDs
to be terminated to the GND plane eliminating the need for an additional return trace back to the IC.
A dual mode control interface allows the user to configure the LM3555 with a general-purpose interface using
two enable pins for control or an I2C allowing a higher level of control. Both interfaces allow access to the
indicator, assist light and flash modes. A dedicated Strobe pin provides a direct interface to trigger the flash
event, while an external Torch pin provides an additional method for enabling the LEDs in a constant current
mode.
The LM3555 can adaptively scale the maximum flash level delivered to the LED/LEDs based upon the flash
configuration, whether it be a single LED or two LEDs in series.
Eight protection features are available on the LM3555 ranging from over-voltage protection to broken inductor
detection. The LM3555 has four selectable inductor current limits to help the user select an inductor that is
appropriate for the design.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM3555TLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3555TLE/NOPB TI1-LM3555TLE/NOPB Datasheet
1Mb / 38P
Synchronous Boost Converter
LM3555TLE/NOPB TI2-LM3555TLE/NOPB Datasheet
842Kb / 37P
LM3555 Synchronous Boost Converter With 500-mA High-Side LED Driver and Dual-Mode Control Interface
REVISED APRIL 2016
LM3555TLE/NOPB.A TI2-LM3555TLE/NOPB.A Datasheet
842Kb / 37P
LM3555 Synchronous Boost Converter With 500-mA High-Side LED Driver and Dual-Mode Control Interface
REVISED APRIL 2016
More results

Similar Description - LM3555TLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61058 TI-TPS61058 Datasheet
1Mb / 30P
SYNCHRONOUS BOOST CONVERTER WITH DOWN MODE HIGH POWER WHITE LED DRIVER
logo
National Semiconductor ...
LM3555 NSC-LM3555 Datasheet
120Kb / 2P
Synchronous Boost Converter with 500 mA High Side LED Driver and Dual-Mode Control Interfacev
logo
Texas Instruments
LM3561 TI1-LM3561 Datasheet
2Mb / 36P
LM3561 Synchronous Boost Converter with 600mA High Side LED Driver and I 2 C-Compatible Interface
logo
Rohm
BD6071HFN ROHM-BD6071HFN_12 Datasheet
632Kb / 19P
White LED Driver with Synchronous Boost Converter
logo
Texas Instruments
LM3646 TI1-LM3646 Datasheet
1Mb / 31P
1.5A Synchronous Boost Converter with Dual High-Side Current Sources and I2CCompatible Interface
LM3554 TI1-LM3554_14 Datasheet
4Mb / 43P
Synchronous Boost Converter with 1.2A Dual High Side LED Drivers and I2C Compatible
LM3556 TI1-LM3556_15 Datasheet
1Mb / 39P
Synchronous Boost LED Flash Driver With High-Side Current Source
logo
Eutech Microelectronics...
EUP2465 EUTECH-EUP2465 Datasheet
77Kb / 1P
Synchronous Boost Flash LED Driver and Dual 1.5A High Side Current Source with I2C Compatible Interface
EUP2466 EUTECH-EUP2466 Datasheet
78Kb / 1P
Synchronous Boost Flash LED Driver and Dual 1.5A High Side Current Source with I2C Compatible Interface
logo
Micro Analog systems
MAS6251 MAS-MAS6251 Datasheet
1Mb / 21P
Piezo and LED Driver with Synchronous Boost DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com