Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3555TLE Datasheet(PDF) 23 Page - Texas Instruments

Part # LM3555TLE
Description  LM3555 Synchronous Boost Converter with 500 mA High Side LED Driver and Dual-Mode Control Interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3555TLE Datasheet(HTML) 23 Page - Texas Instruments

Back Button LM3555TLE Datasheet HTML 19Page - Texas Instruments LM3555TLE Datasheet HTML 20Page - Texas Instruments LM3555TLE Datasheet HTML 21Page - Texas Instruments LM3555TLE Datasheet HTML 22Page - Texas Instruments LM3555TLE Datasheet HTML 23Page - Texas Instruments LM3555TLE Datasheet HTML 24Page - Texas Instruments LM3555TLE Datasheet HTML 25Page - Texas Instruments LM3555TLE Datasheet HTML 26Page - Texas Instruments LM3555TLE Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
Shutdown
External
Torch
Standby
Output On
Strobe Flash
Level
Strobe Flash
Edge
Internal
Flash
External
Torch
Assist Light
Red
Indicator
LM3555
www.ti.com
SNVS594E – JANUARY 2009 – REVISED NOVEMBER 2011
I2C CONTROL STATE DIAGRAM
I
2C MODE TRUTH TABLE
I2C/EN = ‘1’, SCL and SDA = ‘X’
OEN
OM1
OM0
TEN
SEN
TORCH
STROBE
Mode
0
0
0
0
X
X
X
Standby
0
0
0
1
X
0
X
Standby
0
0
0
1
X
1
X
Ext Torch
0
0
1
X
X
X
X
Standby
0
1
0
X
X
X
X
Standby
0
1
1
X
X
X
X
Standby
1
0
0
X
X
0
X
Standby
1
0
0
X
X
1
X
Ext Torch
1
0
1
X
X
X
X
Indicator
1
1
0
X
X
X
X
Assist
1
1
1
X
0
X
X
Internal Flash
1
1
1
X
1
X
0
Standby
1
1
1
X
1
X
1
Strobe Flash
Application Information
INTERNAL DIODE DETECTION
During the LM3555's startup sequence, an internal voltage comparator on the VLED pin monitors the forward
voltage of the LED or LEDs. This measurement occurs when the ramp-up current reaches 80 mA. If at this time
the diode voltage exceeds the user-selectable diode detect threshold (Register 0x02 bits VO1 and VO0), the
LM3555 will assume two series LEDs are present and will limit the maximum flash current to 400 mA. The four
adjustable levels are; '00' = 4.35V, '01' = 4.65V, '10' = 4.05V and '11' = 4.95V. This detection feature can be
disabled by setting the Diode Detect Enable bit (DEN) in the Current Set Register (address 0x03) to a '0'. The
DEN bit is set to a '1' (Enabled) by default.
Copyright © 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: LM3555



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com