Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3555TLE Datasheet(PDF) 10 Page - Texas Instruments

Part # LM3555TLE
Description  LM3555 Synchronous Boost Converter with 500 mA High Side LED Driver and Dual-Mode Control Interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3555TLE Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM3555TLE Datasheet HTML 6Page - Texas Instruments LM3555TLE Datasheet HTML 7Page - Texas Instruments LM3555TLE Datasheet HTML 8Page - Texas Instruments LM3555TLE Datasheet HTML 9Page - Texas Instruments LM3555TLE Datasheet HTML 10Page - Texas Instruments LM3555TLE Datasheet HTML 11Page - Texas Instruments LM3555TLE Datasheet HTML 12Page - Texas Instruments LM3555TLE Datasheet HTML 13Page - Texas Instruments LM3555TLE Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
VIN (V)
12.5
11.5
10.5
9.5
8.5
2.5
3.0
3.5
4.0
4.5
5.0
5.5
TA = +25°C
VIND = 2.0V, Code 3
TA = -30°C
TA = +85°C
VIN (V)
12.5
11.5
10.5
9.5
8.5
7.5
6.5
5.5
4.5
3.5
2.5
2.5
3.0
3.5
4.0
4.5
5.0
5.5
TA = +25°C, Code 3
VLED = 2.4V
VLED = 2.0V
VLED = 1.8V
VIN (V)
100
90
80
70
60
50
40
2.5
3.0
3.5
4.0
4.5
5.0
5.5
TA = +25°C
VLED (V) = 3.0V
TA = +85°C
TA = -30°C
VIN (V)
15.0
12.5
10.0
7.5
5.0
2.5
0.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Code 0
Code 1
Code 2
Code 3
VIND = 2.0V, TA = 25°C
VIN (V)
0.100
0.095
0.090
0.085
0.080
0.075
0.070
0.065
0.060
2.5
3.0
3.5
4.0
4.5
5.0
5.5
TA = +25°C
VLED (V) = 3.0V
TA = +85°C
TA = -30°C
VIN (V)
100
90
80
70
60
50
40
2.5
3.0
3.5
4.0
4.5
5.0
5.5
TA = +25°C
VLED (V) = 3.0V
TA = +85°C
TA = -30°C
LM3555
SNVS594E – JANUARY 2009 – REVISED NOVEMBER 2011
www.ti.com
Typical Characteristics (continued)
Unless otherwise specified: TA = 25°C; VIN = 3.6V; CIN1= 10 µF, CIN2= 0.1 µF, COUT = 11 µF; L = 2.2 µH.
80mA Torch Current
One LED @ 60mA
vs
LED Efficiency
Input Voltage
vs
1 LED
Input Voltage
One LED @ 80mA
Indicator Current
LED Efficiency
vs
vs
Input Voltage
Input Voltage
Brightness Codes
Indicator Current
Indicator Current
vs
vs
Input Voltage
Input Voltage
Tri-Temp
VLED
10
Submit Documentation Feedback
Copyright © 2009–2011, Texas Instruments Incorporated
Product Folder Links: LM3555



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com