Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3555TLE Datasheet(PDF) 11 Page - Texas Instruments

Part # LM3555TLE
Description  LM3555 Synchronous Boost Converter with 500 mA High Side LED Driver and Dual-Mode Control Interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3555TLE Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM3555TLE Datasheet HTML 7Page - Texas Instruments LM3555TLE Datasheet HTML 8Page - Texas Instruments LM3555TLE Datasheet HTML 9Page - Texas Instruments LM3555TLE Datasheet HTML 10Page - Texas Instruments LM3555TLE Datasheet HTML 11Page - Texas Instruments LM3555TLE Datasheet HTML 12Page - Texas Instruments LM3555TLE Datasheet HTML 13Page - Texas Instruments LM3555TLE Datasheet HTML 14Page - Texas Instruments LM3555TLE Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
TA (°C)
2.20
2.10
2.00
1.90
1.80
-30 -20 -10 0 10 20 30 40 50 60 70 80 90
VIN (V)
2.10
2.05
2.00
1.95
1.90
2.5
3.0
3.5
4.0
4.5
5.0
5.5
TA = -30°C
TA = +25°C
TA = +85°C
VIN (V)
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
TA = +85°C
TA = +25°C
TA = -30°C
VIN (V)
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
TA = +85°C
TA = -30°C and +25°C
VIN (V)
2.25
2.00
1.75
1.50
1.25
1.00
0.75
2.5
3.1
3.7
4.3
4.9
5.5
ICL = 1.25A
ICL = 1.5A
ICL = 1.75A
ICL = 2.0A
VOUT (V) = 8.2V @ 400 mA
VIN (V)
0.50
0.45
0.40
0.35
0.30
0.25
2.5
3.0
3.5
4.0
4.5
5.0
5.5
ICL = 1.25A
ICL = 1.5A
ICL = 1.75A
ICL = 2.0A
VOUT (V) = 8.2V
LM3555
www.ti.com
SNVS594E – JANUARY 2009 – REVISED NOVEMBER 2011
Typical Characteristics (continued)
Unless otherwise specified: TA = 25°C; VIN = 3.6V; CIN1= 10 µF, CIN2= 0.1 µF, COUT = 11 µF; L = 2.2 µH.
LED Current
Inductor Current Limit
vs
vs
Input Voltage
Input Voltage
In Current Limit
Shutdown Current
Standby Current
vs
vs
Input Voltage
Input Voltage
Frequency
Frequency
vs
vs
Temperature
Input Voltage
Copyright © 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM3555



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com