Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3555TLE Datasheet(PDF) 26 Page - Texas Instruments

Part # LM3555TLE
Description  LM3555 Synchronous Boost Converter with 500 mA High Side LED Driver and Dual-Mode Control Interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3555TLE Datasheet(HTML) 26 Page - Texas Instruments

Back Button LM3555TLE Datasheet HTML 22Page - Texas Instruments LM3555TLE Datasheet HTML 23Page - Texas Instruments LM3555TLE Datasheet HTML 24Page - Texas Instruments LM3555TLE Datasheet HTML 25Page - Texas Instruments LM3555TLE Datasheet HTML 26Page - Texas Instruments LM3555TLE Datasheet HTML 27Page - Texas Instruments LM3555TLE Datasheet HTML 28Page - Texas Instruments LM3555TLE Datasheet HTML 29Page - Texas Instruments LM3555TLE Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 33 page
background image
LM3555
SNVS594E – JANUARY 2009 – REVISED NOVEMBER 2011
www.ti.com
Flash Timeout (FTP)
An FTP fault is triggered any time the flash pulse duration reaches the Flash Timeout duration. In I2C control
mode, the FTP fault will be triggered whenever a flash is initiated through the Control Register (OEN and
OM1/OM0 bits) or through an edge-sensitive strobe event. A FTP fault could occur in Simple Control Mode if the
controller tied to EN1 and EN2 pins cannot toggle the pins low at the desired pulse rate. This same condition
could occur with a level-sensitive Strobe event controlled by a camera module. This fault is reported to the TO
fault bit in the Fault Register (bit4 in address 0x05). A FTP fault is the only reported "fault" that does not need to
be cleared before any additional LED event can occur.
Indicator Fault (IF)
An IF fault is triggered when the voltage on the IND pin is greater than 2.571V or less than 0.842V. This fault
indicates that their is either an open or a short present on the IND pin. The short circuit condition is cleared when
the indicator pin is allowed to operate between 0.842V and 2.571V. A shorted or open indicator LED could cause
this fault to occur. This fault is reported to the IF fault bit in the Fault Register (bit2 in address 0x05).
Broken Inductor Fault (IP)
An IP fault is triggered when the LM3555 detects the inductors inductance has dropped below an acceptable
value. This fault indicates that the inductor has been damaged. A inductor that has had its ferrite material
damaged could cause this fault to occur. This fault is reported to the IP fault bit in the Fault Register (bit1 in
address 0x05).
INDUCTOR CURRENT LIMIT
To prevent damage to the LM3555's inductor and to limit the power drawn by the LM3555 during a flash event,
an Inductor Current Limit circuit is present. The LM3555 monitors the current through the inductor during the
charge phase of the boost cycle. In the event that the inductor current reaches the current limit, the NFET of the
converter will terminate the charge phase for that cycle. The process will repeat itself until the flash event has
ended or until the input voltage increases to the point where the peak current is no longer reached. Hitting the
peak inductor current limit will not disable the part. It will however limit the output power delivery to the LEDs.
In Simple Control Mode, the peak inductor current limit is set to 1.75A. In I2C Control Mode, the inductor current
limit can be set to 1.25A, 1.5A, 1.75A and 2A depending on the values of the IL1 and IL0 bits in the Control
Register (Address 0x04). The peak inductor current limit value can be used to help size the inductor to the
appropriate saturation current level. For more information on inductor sizing, please refer to the INDUCTOR
SELECTION section of this datasheet.
UNDER-VOLTAGE LOCK-OUT (UVLO)
The LM3555 has an Under-Voltage Lock-Out (UVLO) feature that disables the parts operation in the event that
the input voltage falls below 2.4V (typ.). In Simple Control Mode, the input voltage must increase to at least
2.47V (typ.) and the EN1 and EN2 pins must be toggled low ('0') before normal operation can resume.
In I2C Control mode, the Output Enable bit in the Control Register (Address 0x04) will be set to a '0' in the event
of a UVLO occurrence. The input voltage must rise to at least 2.47V before the LM3555 will become fully
functional again.
A UVLO event does not disturb the state of the other registers of the LM3555
POWER-ON RESET (POR)
A Power-On Reset (POR) circuit is present on the LM3555 for use in I2C control mode. The POR circuit ensures
that the part starts in a known "OFF" state and that the registers used in the I2C Control interface are initialized to
the proper startup values once the input voltage reaches a voltage greater than 1.8V (typ.). An input voltage
lower than 1.8V will not only place the part into UVLO, but will also clear all of the LM3555 registers.
26
Submit Documentation Feedback
Copyright © 2009–2011, Texas Instruments Incorporated
Product Folder Links: LM3555



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com