Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3555TLE Datasheet(PDF) 2 Page - Texas Instruments

Part # LM3555TLE
Description  LM3555 Synchronous Boost Converter with 500 mA High Side LED Driver and Dual-Mode Control Interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3555TLE Datasheet(HTML) 2 Page - Texas Instruments

  LM3555TLE Datasheet HTML 1Page - Texas Instruments LM3555TLE Datasheet HTML 2Page - Texas Instruments LM3555TLE Datasheet HTML 3Page - Texas Instruments LM3555TLE Datasheet HTML 4Page - Texas Instruments LM3555TLE Datasheet HTML 5Page - Texas Instruments LM3555TLE Datasheet HTML 6Page - Texas Instruments LM3555TLE Datasheet HTML 7Page - Texas Instruments LM3555TLE Datasheet HTML 8Page - Texas Instruments LM3555TLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
A3
B3
C3
D3
A2
B2
C2
D2
A1
B1
C1
D1
A1
B1
C1
D1
A2
B2
C2
D2
A3
B3
C3
D3
TOP VIEW
(BUMPS FACE DOWN)
BOTTOM VIEW
(BUMPS FACE UP)
TOP MARKING
Note: The actual physical placement of the package marking will vary from part to part. The package
PDUNLQJ ³+<´ designates the date code. ³77´ LV D 16& LQWHUQDO FRGH IRU GLH WUDFHDELOLW\. Both will vary
considerably.
³3555´ LGHQWLILHV WKH GHYLFH (part number, option, etc.).
L1
COUT
CIN1
CIN2
LM3555
7.0 mm
LM3555
2.2 µH
COUT
10 µF
CIN
10 µF
IND
PGND
VIN
VLED
SW
TORCH
STROBE
VOUT
I2C/EN
SCL/EN1
SDA/EN2
VBAT
SGND
LM3555
SNVS594E – JANUARY 2009 – REVISED NOVEMBER 2011
www.ti.com
Typical Application Circuits
Connection Diagram
Pin Functions
Pin Descriptions
Signal
Input / Output
Pin Position
Description
Name
(I/O)
A1
PGND
Power ground.
A2
SGND
Signal ground.
2
Submit Documentation Feedback
Copyright © 2009–2011, Texas Instruments Incorporated
Product Folder Links: LM3555



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com