Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3555TLE Datasheet(PDF) 3 Page - Texas Instruments

Part # LM3555TLE
Description  LM3555 Synchronous Boost Converter with 500 mA High Side LED Driver and Dual-Mode Control Interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3555TLE Datasheet(HTML) 3 Page - Texas Instruments

  LM3555TLE Datasheet HTML 1Page - Texas Instruments LM3555TLE Datasheet HTML 2Page - Texas Instruments LM3555TLE Datasheet HTML 3Page - Texas Instruments LM3555TLE Datasheet HTML 4Page - Texas Instruments LM3555TLE Datasheet HTML 5Page - Texas Instruments LM3555TLE Datasheet HTML 6Page - Texas Instruments LM3555TLE Datasheet HTML 7Page - Texas Instruments LM3555TLE Datasheet HTML 8Page - Texas Instruments LM3555TLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
LM3555
www.ti.com
SNVS594E – JANUARY 2009 – REVISED NOVEMBER 2011
Pin Descriptions (continued)
A3
VIN
I
Input voltage pin of the device. Connect input bypass capacitor very close
to this pin.
B1
SW
Inductor connection.
B2
TORCH
I
Torch pin. Driving this pin high enables Torch mode.
B3
IND
O
Red indicator LED current source. Connect to RED LED anode.
C1
VOUT
O
Boost output. Connect output bypass capacitor very close to this pin.
C2
STROBE
I/O
Strobe signal input pin to synchronize flash pulse in I2C mode. This signal
usually comes from the camera processor. In Simple logic mode this pin,
when tied to a voltage rail through a pull-up resistor indicates the number
of LEDs in the system.
C3
I2C / EN
I
I2C / EN-logic selection. High = I2C mode, Low = Simple logic mode.
D1
VLED
O
LED current source. Connect to the anode of the Flash LED. One or two
LEDs can be connected in series.
D2
SDA / EN2
I/O
EN2 signal pin in Simple logic mode. I2C data signal in I2C mode.
D3
SCL / EN1
I
EN1 signal pin in Simple logic mode. I2C clock signal in I2C mode.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
VIN
-0.3V to +6V
TORCH, IND, STROBE, I2C/EN, SDA/EN2, SCL/EN1
-0.3V to (VIN+0.3V) w/ 6.0V max.
SW
+12V
VOUT, VLED
+10V
Continuous Power Dissipation (3)
Internally Limited
Junction Temperature (TJ-MAX) )
+150°C
Storage Temperature Range
-55°C to +150°C
Maximum Lead Temperature (Soldering)
(4)
ESD Rating
Human Body Model(5)
2.5kV
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings are conditions under
which operation of the device is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed
performance limits and associated test conditions, see the Electrical Characteristics tables.
(2)
All voltages are with respect to the potential at the GND pin.
(3)
Internal thermal shutdown circuitry protects the device from permanent damage. Thermal shutdown engages at TJ=150°C (typ.) and
disengages at TJ=135°C (typ.). Thermal shutdown is guaranteed by design.
(4)
For detailed soldering specifications and information, please refer to Texas Instruments Application Note: AN-1112: Micro SMD Wafer
Level Chip Scale Package. For Recommended Soldering Profiles.
(5)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. (MIL-STD-883 3015.7)
Operating Ratings
(1) (2)
Input Voltage Range
2.5 to 5.5V
Junction Temperature Range (TJ)
−30°C to +125°C
Ambient Temperature Range (TA)
(3)
−30°C to +85°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings are conditions under
which operation of the device is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed
performance limits and associated test conditions, see the Electrical Characteristics tables.
(2)
All voltages are with respect to the potential at the GND pin.
(3)
In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may
have to be de-rated. Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX-OP =
+125°C), the maximum power dissipation of the device in the application (PD-MAX), and the junction-to-ambient thermal resistance of the
part/package in the application (
θJA), as given by the following equation: TA-MAX = TJ-MAX-OP – (θJA × PD-MAX).
Copyright © 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM3555



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com