Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3555TLE Datasheet(PDF) 19 Page - Texas Instruments

Part # LM3555TLE
Description  LM3555 Synchronous Boost Converter with 500 mA High Side LED Driver and Dual-Mode Control Interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3555TLE Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM3555TLE Datasheet HTML 15Page - Texas Instruments LM3555TLE Datasheet HTML 16Page - Texas Instruments LM3555TLE Datasheet HTML 17Page - Texas Instruments LM3555TLE Datasheet HTML 18Page - Texas Instruments LM3555TLE Datasheet HTML 19Page - Texas Instruments LM3555TLE Datasheet HTML 20Page - Texas Instruments LM3555TLE Datasheet HTML 21Page - Texas Instruments LM3555TLE Datasheet HTML 22Page - Texas Instruments LM3555TLE Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
IC1
IC0
VO1
VO0
FT3
FT2
FT1
FT0
Indicator and Timer Register
Address: 0x02
Default:
0
0
0
0
1
1
1
1
Definition:
RF3
RF2
RF1
RF1
DR3
DR2
DR1
DR0
Version Control Register
Address: 0x01
Default:
0
0
0
0
#
#
#
#
Definition:
ADR6
bit7
ADR5
bit6
ADR4
bit5
ADR3
bit4
ADR2
bit3
ADR1
bit2
ADR0
bit1
R/W
bit0
MSB
LSB
0
0
0
1
1
0
0
I
2
C Slave Address (chip address)
start
msb Chip Address lsb
w
ack
msb Register Add lsb
ack
msb
DATA
lsb
ack
stop
ack from slave
ack from slave
ack from slave
SCL
SDIO
start
Id = 30h
w
ack
addr = 04h
ack
ack
data = 08h
stop
LM3555
www.ti.com
SNVS594E – JANUARY 2009 – REVISED NOVEMBER 2011
w = write (SDA = "0")
ack = acknowledge (SDA pulled down by the slave)
id = chip address, 30h for LM3555
Figure 3. Write Cycle
I
2C-COMPATIBLE CHIP ADDRESS
The chip address for LM3555 is 0110000, or 30hex.
INTERNAL REGISTERS OF LM3555
Register
Internal Hex Address
Power On Value
Version Control Register
0x01
0000 1100
Indicator and Timer Register
0x02
0000 1111
Current Set Register
0x03
0110 1001
Control Register
0x04
1011 0100
Fault Register
0x05
0000 1000
REGISTER DEFINITIONS
BOLD TABLE VALUES = Default Register Settings
RF3–RF0: Unused
DR3–DR0: Design Revision = 1100
IC1–IC0: Indicator LED current control bits.
VO1-VO0: VREF Offset Adjustment bits. Used for diode detection.
FT3-FT0: Software Flash Timer Duration Control bits.
Copyright © 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LM3555



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com