Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLE112 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # BLE112
Description  Bluetooth v.4.0, single mode compliant
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BLE112 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button BLE112 Datasheet HTML 7Page - List of Unclassifed Manufacturers BLE112 Datasheet HTML 8Page - List of Unclassifed Manufacturers BLE112 Datasheet HTML 9Page - List of Unclassifed Manufacturers BLE112 Datasheet HTML 10Page - List of Unclassifed Manufacturers BLE112 Datasheet HTML 11Page - List of Unclassifed Manufacturers BLE112 Datasheet HTML 12Page - List of Unclassifed Manufacturers BLE112 Datasheet HTML 13Page - List of Unclassifed Manufacturers BLE112 Datasheet HTML 14Page - List of Unclassifed Manufacturers BLE112 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
Bluegiga Technologies Oy
Page 11 of 31
2.7 Current Consumption
Min
Typ
Max
Unit
36
mA
30
mA
28
mA
25
mA
235
uA
0.9
uA
0.4
uA
Power mode
Active mode TX 2 dBm
Power mode 2
Power mode 1
Power mode 3
Active mode TX -2 dBm
Active mode TX -6 dBm
Active mode RX
Table 7: Current consumption of BLE112
0.9 uA
(Power mode 2)
0.9uA
(Power mode 2)
7.6 mA
7.6 mA
36 mA
25 mA
500 us
3.8 ms
Figure 2: Typical current consumption profile during advertising in slave mode
500 us
7.6 mA
25 mA
36 mA
7.6 mA
0.9 uA
(Power mode 2)
0.9 uA
(Power mode 2)
Figure 3: Typical current consumption profile during data connection in slave mode
2.8 Antenna characteristics
The antenna radiation pattern is depends on the mother board layout. Following characteristics are measured
from a test board based on the layout guide given in chapter 4.
Efficiency 33% (-4.8 dB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com