Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLE112 Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # BLE112
Description  Bluetooth v.4.0, single mode compliant
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BLE112 Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button BLE112 Datasheet HTML 20Page - List of Unclassifed Manufacturers BLE112 Datasheet HTML 21Page - List of Unclassifed Manufacturers BLE112 Datasheet HTML 22Page - List of Unclassifed Manufacturers BLE112 Datasheet HTML 23Page - List of Unclassifed Manufacturers BLE112 Datasheet HTML 24Page - List of Unclassifed Manufacturers BLE112 Datasheet HTML 25Page - List of Unclassifed Manufacturers BLE112 Datasheet HTML 26Page - List of Unclassifed Manufacturers BLE112 Datasheet HTML 27Page - List of Unclassifed Manufacturers BLE112 Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
Bluegiga Technologies Oy
Page 24 of 31
USART 0 and USART 1 are each configurable as either an SPI master/slave or a UART. They provide double
buffering on both RX and TX and hardware flow control and are thus well suited to high-throughput full-duplex
applications. Each USART has its own high-precision baud-rate generator, thus leaving the ordinary timers
free for other uses. When configured as SPI slaves, the USARTs sample the input signal using SCK directly
instead of using some oversampling scheme, and are thus well-suited for high data rates.
The AES encryption/decryption core allows the user to encrypt and decrypt data using the AES algorithm with
128-bit keys. The AES core also supports ECB, CBC, CFB, OFB, CTR, and CBC-MAC, as well as hardware
support for CCM.
The ADC supports 7 to 12 bits of resolution with a corresponding range of bandwidths from 30-kHz to 4-kHz,
respectively. DC and audio conversions with up to eight input channels (I/O controller pins) are possible. The
inputs can be selected as single-ended or differential. The reference voltage can be internal, AVDD, or a
single-ended or differential external signal. The ADC also has a temperature-sensor input channel. The ADC
can automate the process of periodic sampling or conversion over a sequence of channels.
The operational amplifier is intended to provide front-end buffering and gain for the ADC. Both inputs as well
as the output are available on pins, so the feedback network is fully customizable. A chopper-stabilized mode
is available for applications that need good accuracy with high gain.
The ultralow-power analog comparator enables applications to wake up from PM2 or PM3 based on an analog
signal. Both inputs are brought out to pins; the reference voltage must be provided externally. The comparator
output is connected to the I/O controller interrupt detector and can be treated by the MCU as a regular I/O pin
interrupt.
RF front end
RF front end includes combined matched balun and low pass filter, and ceramic chip antenna with matching
network. Optimal matching combined with effective low pass filter provides extremely low in-band spurious
emissions and harmonics. Optionally as a module assembly variant RF can be traced either to an embedded
u.fl connector or to the RF pin of the module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com