Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLE112 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # BLE112
Description  Bluetooth v.4.0, single mode compliant
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BLE112 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  BLE112 Datasheet HTML 1Page - List of Unclassifed Manufacturers BLE112 Datasheet HTML 2Page - List of Unclassifed Manufacturers BLE112 Datasheet HTML 3Page - List of Unclassifed Manufacturers BLE112 Datasheet HTML 4Page - List of Unclassifed Manufacturers BLE112 Datasheet HTML 5Page - List of Unclassifed Manufacturers BLE112 Datasheet HTML 6Page - List of Unclassifed Manufacturers BLE112 Datasheet HTML 7Page - List of Unclassifed Manufacturers BLE112 Datasheet HTML 8Page - List of Unclassifed Manufacturers BLE112 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
Bluegiga Technologies Oy
VERSION HISTORY
Version
Comment
1.0
Certification information updated. Layout guide for BLE112-N added.
1.1
RF pin dimensions added
1.11
Absolute maximum supply corrected
1.2
Certification information updated
1.21
Current consumption added
1.22
Current consumption profiles added
1.23
Typo corrected on table 2
1.24
UART chapter, I/O Ports chapter, DC characteristics
1.25
Updated product codes
1.26
Note about P1_0 and P1_1 in chapter 2.1
1.27
Design check list, peripheral pull-up/pull-down requirements
1.28
Updating “Alternate” configuration table for clarity
1.29
Absolute maximum ratings: all supply nets must have the same voltage.
Opamp and comparator removed from the peripherals table.
1.3
MIC Japan information updated
1.4
Updated contact information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com