Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLE112 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # BLE112
Description  Bluetooth v.4.0, single mode compliant
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BLE112 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button BLE112 Datasheet HTML 5Page - List of Unclassifed Manufacturers BLE112 Datasheet HTML 6Page - List of Unclassifed Manufacturers BLE112 Datasheet HTML 7Page - List of Unclassifed Manufacturers BLE112 Datasheet HTML 8Page - List of Unclassifed Manufacturers BLE112 Datasheet HTML 9Page - List of Unclassifed Manufacturers BLE112 Datasheet HTML 10Page - List of Unclassifed Manufacturers BLE112 Datasheet HTML 11Page - List of Unclassifed Manufacturers BLE112 Datasheet HTML 12Page - List of Unclassifed Manufacturers BLE112 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
Bluegiga Technologies Oy
Page 9 of 31
2.1 I/O Ports
Each I/O port, except pins P1_0 and P1_1, can be configured as an input with either internal pull-up or pull-
down, or tri-state. Pull-down or pull-up can only be configured to whole port, not individual pins. Unused I/O
pins should have defined level and not be floating. To avoid excessive leakage current P1_0 and P1_1 must
be configured either as outputs or as inputs using external pull-up or pull-down resistors. See the Profile
Toolkit developer guide for more information about the configuration. During reset the I/O pins are configured
as inputs with pull-ups. P1_0 and P1_1 are inputs but do not have pull-up or pull-down.
The pins configured as peripheral I/O signals do not have pull-up/pull-down capability, even if the peripheral
function is an input. In power modes PM1, PM2, and PM3, the I/O pins retain the I/O mode and output value
(if applicable) that was set when PM1/PM2/PM3 was entered. All the IO’s set as input must have an external
pull-up or pull-down resistor to avoid excessive leakage current.
2.2 UART
UART baud rate can be configured up 2 Mbps. See the Profile Toolkit developer guide for more information.
Following table lists commonly used baud rates for BLE112
Baud rate (bps)
Error (%)
2400
0.14
4800
0.14
9600
0.14
14 400
0.03
19 200
0.14
28 800
0.03
38 400
0.14
57 600
0.03
76 800
0.14
115 200
0.03
230 400
0.03
Table 4: Commonly used baud rates for BLE112



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com