Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLE112 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # BLE112
Description  Bluetooth v.4.0, single mode compliant
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BLE112 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button BLE112 Datasheet HTML 16Page - List of Unclassifed Manufacturers BLE112 Datasheet HTML 17Page - List of Unclassifed Manufacturers BLE112 Datasheet HTML 18Page - List of Unclassifed Manufacturers BLE112 Datasheet HTML 19Page - List of Unclassifed Manufacturers BLE112 Datasheet HTML 20Page - List of Unclassifed Manufacturers BLE112 Datasheet HTML 21Page - List of Unclassifed Manufacturers BLE112 Datasheet HTML 22Page - List of Unclassifed Manufacturers BLE112 Datasheet HTML 23Page - List of Unclassifed Manufacturers BLE112 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
Bluegiga Technologies Oy
Page 20 of 31
A transmission line impedance calculator, such as TX-Line made by AWR, can be used to approximate the
dimensions for the 50 ohm transmission line. Figure 18 shows an example for two different 50 ohm
transmission lines.
FR4, εr = 4.6
Prepreg, εr = 3.7
W = 0.15 mm
h = 0.076 mm
G = 0.25 mm
GND stitching vias
RF GROUND
RF GROUND
RF GROUND
RF GROUND
FR4, εr = 4.6
h = 1 mm
W = 1.8 mm
MICROSTRIP
CPW Ground
Figure 18: Example cross section of two different 50 ohm transmission line
5.5 Design Check List
Antenna is placed at the edge of a PCB, preferably to a corner
Antenna has sufficient clearance area around it and it is not covered by metal
All the GND pins are connected to a solid GND plane
All the IOs are in a known state and there are no leakage paths from the IOs
o UART and SPI inputs must have external pull-up or pull-down
o P1_0 and P1_1 must have either external pull-up or pull-down or configured as output
TX power is set not higher than required for each application
By-
pass capacitor (47 uF… 100uF) is placed parallel with a coin cell battery to compensate the high
series resistance of a coin cell
Current test point is placed to measure the sleep current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com