Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLE112 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # BLE112
Description  Bluetooth v.4.0, single mode compliant
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BLE112 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button BLE112 Datasheet HTML 4Page - List of Unclassifed Manufacturers BLE112 Datasheet HTML 5Page - List of Unclassifed Manufacturers BLE112 Datasheet HTML 6Page - List of Unclassifed Manufacturers BLE112 Datasheet HTML 7Page - List of Unclassifed Manufacturers BLE112 Datasheet HTML 8Page - List of Unclassifed Manufacturers BLE112 Datasheet HTML 9Page - List of Unclassifed Manufacturers BLE112 Datasheet HTML 10Page - List of Unclassifed Manufacturers BLE112 Datasheet HTML 11Page - List of Unclassifed Manufacturers BLE112 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
Bluegiga Technologies Oy
Page 8 of 31
PIN
NUMBER
PIN NAME PIN TYPE
DESCRIPTION
4
P2_2
Digital I/O
Configurable I/O port, See table 3
5
P2_1
Digital I/O
Configurable I/O port, See table 3
6
P2_0
Digital I/O
Configurable I/O port, See table 3
7
P1_7
Digital I/O
Configurable I/O port, See table 3
8
P1_6
Digital I/O
Configurable I/O port, See table 3
11
USB+
USB+
USB data plus
12
USB-
USB-
USB data minus
13
P1_5
Digital I/O
Configurable I/O port, See table 3
14
P1_4
Digital I/O
Configurable I/O port, See table 3
15
P1_3
Digital I/O
Configurable I/O port, See table 3
16
P1_2
Digital I/O
Configurable I/O port, See table 3
17
P1_1
Digital I/O
Configurable I/O port with 20mA driving capability, See
table 3
18
P1_0
Digital I/O
Configurable I/O port with 20mA driving capability, See
table 3
19
P0_7
Digital I/O
Configurable I/O port, See table 3
22
P0_6
Digital I/O
Configurable I/O port, See table 3
23
P0_5
Digital I/O
Configurable I/O port, See table 3
24
P0_4
Digital I/O
Configurable I/O port, See table 3
25
P0_3
Digital I/O
Configurable I/O port, See table 3
26
P0_2
Digital I/O
Configurable I/O port, See table 3
27
P0_1
Digital I/O
Configurable I/O port, See table 3
28
P0_0
Digital I/O
Configurable I/O port, See table 3
Table 2:
Terminal Descriptions
*) BLE112 is configurable as either SPI master or SPI slave
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
2
1
0
A7
A6
A5
A4
A3
A2
A1
A0
Alt. 1
C
SS MO MI
Alt.2
MO MI
C
SS
Alt. 1
RT CT TX RX
Alt.2
TX RX RT CT
Alt. 1
MI MO
C
SS
Alt.2
MI MO
C
SS
Alt. 1
RX TX RT CT
Alt.2
RX TX RT CT
Alt. 1
4
3
2
1
0
Alt.2
3
4
0
1
2
Alt. 1
1
0
Alt.2
1
0
Alt. 1
1
0
Alt.2
0
DC DD
5
4
3
2
1
0
DEBUG
OBSSEL
ADC
P2
USART 0 SPI
USART 0 UART
USART 1 SPI
USART 1 UART
PERIPHERAL /
FUNCTION
TIMER 1
TIMER 3
TIMER 4
P0
P1
Table 3:Peripheral I/O Pin Mapping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com