Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLE112 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # BLE112
Description  Bluetooth v.4.0, single mode compliant
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BLE112 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button BLE112 Datasheet HTML 3Page - List of Unclassifed Manufacturers BLE112 Datasheet HTML 4Page - List of Unclassifed Manufacturers BLE112 Datasheet HTML 5Page - List of Unclassifed Manufacturers BLE112 Datasheet HTML 6Page - List of Unclassifed Manufacturers BLE112 Datasheet HTML 7Page - List of Unclassifed Manufacturers BLE112 Datasheet HTML 8Page - List of Unclassifed Manufacturers BLE112 Datasheet HTML 9Page - List of Unclassifed Manufacturers BLE112 Datasheet HTML 10Page - List of Unclassifed Manufacturers BLE112 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
Bluegiga Technologies Oy
Page 7 of 31
2
Pinout and Terminal Description
1
2
3
4
5
6
7
8
9
10
11
12
13
30
29
28
27
26
25
24
23
22
GND
AVDD
GND
AVDD
GND
P2_2
P2_1
P2_0
P1_7
P1_6
VDD_USB
USB+
USB-
P1_5
P0_3
RESET
P0_0
P0_1
P0_2
P0_4
P0_5
P0_6
Figure 1: BLE112
PIN
NUMBER
PAD TYPE
DESCRIPTION
RESET
29
Active low reset.
GND
1, 10, 21,
30
GND
GND
RF
31
RF (*
RF output/input for BLE112-N. With
BLE112-A and BLE112-E do not
connect.
RFGND
32
GND
RF ground. Connected to GND internally in
the module. With BLE112-A and BLE112-E
leave floating or connect to a solid GND
plane.
DVDD
20
Supply voltage
Supply voltage 2V - 3.6V
AVDD
2, 3
Supply voltage
Supply voltage 2V - 3.6V
VDD_USB
9
Supply voltage
Supply voltage 2V - 3.6V
*) RF pin is not connected in BLE112-A and BLE112-E. To use RF pin with BLE112-B please see the design
guide.
Table 1: Supply and RF Terminal Descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com