Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLE112 Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # BLE112
Description  Bluetooth v.4.0, single mode compliant
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BLE112 Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button BLE112 Datasheet HTML 23Page - List of Unclassifed Manufacturers BLE112 Datasheet HTML 24Page - List of Unclassifed Manufacturers BLE112 Datasheet HTML 25Page - List of Unclassifed Manufacturers BLE112 Datasheet HTML 26Page - List of Unclassifed Manufacturers BLE112 Datasheet HTML 27Page - List of Unclassifed Manufacturers BLE112 Datasheet HTML 28Page - List of Unclassifed Manufacturers BLE112 Datasheet HTML 29Page - List of Unclassifed Manufacturers BLE112 Datasheet HTML 30Page - List of Unclassifed Manufacturers BLE112 Datasheet HTML 31Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
Bluegiga Technologies Oy
Page 28 of 31
L’OEM du module BLE112 ne doit utiliser que la ou les antennes approuvées énumérées dans le tableau 8,
qui ont été certifiées avec ce module.
Dans le guide d’utilisation du produit final, l’intégrateur OEM doit s’abstenir de fournir des informations à
l’utilisateur final portant sur les procédures à suivre pour installer ou retirer ce module RF ou pour changer les
paramètres RF.
8.3 CE
BLE112 is in conformity with the essential requirements and other relevant requirements of the R&TTE
Directive (1999/5/EC). The product is conformity with the following standards and/or normative documents.
EMC (immunity only) EN 301 489-17 V.1.3.3 in accordance with EN 301 489-1 V1.8.1
Radiated emissions EN 300 328 V1.7.1
Safety EN60950-1:2006+A11:2009+A1:2010+A12:2011
8.4 MIC Japan
BLE112 has type approval with certification ID R 209- J00046
8.5 KCC (Korea)
BLE112 is KCC certified with following certification numbers
BLE112-A: KCC-CRM-BGT-BLE112-A
BLE112-E: KCC-CRM-BGT-BLE112-E
BLE112-N: KCC-CRM-BGT-BLE112-N
8.6 Qualified Antenna Types for BLE112-E and BLE112-N
This device has been designed to operate with a standard 2.14 dBi dipole antenna. Any antenna of the same
type and the same or less gain can be used without additional application to FCC. Table 8 lists approved
antennas for BLE112. Any approved antenna listed in table 8 can be used directly with BLE112 without any
additional approval. Any antenna not listed in table 8 can be used with BLE112 as long as detailed information
from that particular antenna is provided to Bluegiga for approval. Specification of each antenna used with
BLE112 will be filed by Bluegiga. Please, contact support@bluegiga.com for more information.
Item
Manufacturer
Manufacturers part number
Measure
d Gain
(dBi)
Specifie
d Gain
(dBi)
Measure Total
Efficiency (%)
1
Pulse
W1030
1
2 dBi
70 - 80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com