Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX200094 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # AX200094
Description  Belden IBDN FiberExpress Systems
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AX200094 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button AX200094 Datasheet HTML 6Page - List of Unclassifed Manufacturers AX200094 Datasheet HTML 7Page - List of Unclassifed Manufacturers AX200094 Datasheet HTML 8Page - List of Unclassifed Manufacturers AX200094 Datasheet HTML 9Page - List of Unclassifed Manufacturers AX200094 Datasheet HTML 10Page - List of Unclassifed Manufacturers AX200094 Datasheet HTML 11Page - List of Unclassifed Manufacturers AX200094 Datasheet HTML 12Page - List of Unclassifed Manufacturers AX200094 Datasheet HTML 13Page - List of Unclassifed Manufacturers AX200094 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
COMMERCIAL
NETWORKING
—
OPT IC AL
FIBE R
16.10
For more information, contact Belden T echnical Support: 1-800-BELDEN-1 • www .belden.com
Fiber
Express Secure/Keyed LC System
Adapter Modules, Adapter Strips and Fiber
Express Manager Modules
Fiber
Express Secure/Keyed LC System
The Fiber
Express Secure/Keyed LC System allows for physical segregation of networks segments in
secure fiber cabling infrastructures. All Secure/Keyed LC products are available with 6 different keying
options each carrying a different color to facilitate network administration. The keying detail inside the
connector is totally tamper-resistant and cannot be re-produced inside a standard LC connector to violate
the network security. All products comply with the FOCIS 10 standard and optical performance exceeds
all industry standards for SFF connectors.
The Secure/Keyed LC Adapter Modules and Adapter Strips can be used in all mounting hardware for
workstation area, Consolidation Point or Telecom Room applications.
The Secure/Keyed LC Fiber
Express Manager Modules can be used in 19 and 23 inch FiberExpress
Manager Shelves to provide a high-density management system of up to 1920 terminated fibers per rack.
K1, Red
K2, Green
K3, Yellow
K6, Blue
K5, Orange
K4, Black
Belden Part Number
Fiber
Express Secure/Keyed LC System
Secure/Keyed LC Adapter Module*
Gray holder
AX102089
AX102090
AX102091
AX102092
AX102093
AX102094
Almond holder
AX102095
AX102096
AX102097
AX102098
AX102099
AX102100
White holder
AX102101
AX102102
AX102103
AX102104
AX102105
AX102106
Black holder
AX102107
AX102108
AX102109
AX102110
AX102111
AX102112
Secure/Keyed LC Fiber
Express Adapter Strip*
12 fibers
AX102119
AX102120
AX102121
AX102122
AX102123
AX102124
24 fibers
AX102125
AX102126
AX102127
AX102128
AX102129
AX102130
Secure/Keyed LC Fiber
Express Manager Module*
12 fibers
AX102113
AX102114
AX102115
AX102116
AX102117
AX102118
24 fibers
AX102310
AX102311
AX102312
AX102313
AX102314
AX102315
* Patent Pending.
These products are in the process of being assessed for RoHS compliance. Please check our Web Site for the most current RoHS status.
Description
AX102114 Secure/Keyed LC
Fiber
Express Manager Module
AX102098 Secure/Keyed LC Adapter Module
AX102124 Secure/Keyed LC Adapter Strip



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com