Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX200094 Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # AX200094
Description  Belden IBDN FiberExpress Systems
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AX200094 Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button AX200094 Datasheet HTML 27Page - List of Unclassifed Manufacturers AX200094 Datasheet HTML 28Page - List of Unclassifed Manufacturers AX200094 Datasheet HTML 29Page - List of Unclassifed Manufacturers AX200094 Datasheet HTML 30Page - List of Unclassifed Manufacturers AX200094 Datasheet HTML 31Page - List of Unclassifed Manufacturers AX200094 Datasheet HTML 32Page - List of Unclassifed Manufacturers AX200094 Datasheet HTML 33Page - List of Unclassifed Manufacturers AX200094 Datasheet HTML 34Page - List of Unclassifed Manufacturers AX200094 Datasheet HTML 35Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 34 / 35 page
background image
COMMERCIAL
NETWORKING
—
OPT IC AL
FIBE R
16.34
For more information, contact Belden T echnical Support: 1-800-BELDEN-1 • www .belden.com
Weight
kg/km
Weight
Lbs./1000
′′
Belden Part No.
TrayOptic® Heavy-Duty, All Dielectric Cable
Loose Tube — Indoor/Outdoor Riser Rated
Specifications
Temperature Range
Storage
-40 to +70°C
Operating
-40 to +70°C
Crush Resistance (EIA-455-41)
2000 N/cm
Impact Resistance (EIA-455-25)
2000 impacts
@ 1.6N-m
Cyclic Flexing (EIA-455-104)
25 cycles, 12 lbs.,
20 x OD radius min.
Min. Bend Radius
Installation
20 x OD
Long Term
15 x OD
Maximum Installation Load
600 lbs. (2700 N)
Optical Specifications
See page 10.2
Fiber Bundle Detail
Applications
■ Industrial and other harsh environment applications
■ Factory automation
■ Direct burial
Product Description
Laser Optimized Fiber to handle Gigabit Ethernet light sources and
expanded bandwidth requirements. Passes IEEE 383-2003 flame
test. Waterblocking agent for moisture protection. CPE outer jacket
option provides extra chemical or abrasion resistance.
Fiber Type
62.5/125µ
Jacket Material
PVC or CPE
Strength Member
Aramid Yarn
Jacket Color
Orange
Ratings
Riser
UL Type
OFNR
cUL Type
OFN FT4
Flame Resistance
IEEE 383-2003
Binder
Optical
Fibers
Waterblocking
Agent
Inner Jacket
Dielectric Central
Strength Member
Outer Jacket
Gel-filled
Buffer Tube
Aramid Strength
Member
TrayOptic Series
Riser (NEC/CEC OFNR/OFN FT4)
2
2
0.440
11.18
I100255
88
131
I100266
83
124
4
4
0.440
11.18
I100455
88
131
I100466
83
124
6
6
0.440
11.18
I100655
88
131
I100666
83
124
8
4
0.440
11.18
I400855
88
131
I400866
83
124
12
6
0.440
11.18
I601255
88
131
I601266
83
124
18
6
0.440
11.18
I601855
88
131
I601866
83
124
24
6
0.440
11.18
I602455
88
131
I602466
83
124
36
6
0.440
11.18
I603655
88
131
I603666
83
124
48
12
0.540
13.72
I604855
136
202
I604866
129
192
60
12
0.540
13.72
I606055
136
202
I606066
129
192
72
12
0.540
13.72
I607255
136
202
I607266
129
192
Weight
kg/km
Weight
Lbs./1000
′′
PVC Jacket
Belden Part No.
CPE Jacket
Inches
mm
Outside Diameter
Fibers
Per
Tube
No.
of
Fibers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com