Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX200094 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # AX200094
Description  Belden IBDN FiberExpress Systems
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AX200094 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button AX200094 Datasheet HTML 16Page - List of Unclassifed Manufacturers AX200094 Datasheet HTML 17Page - List of Unclassifed Manufacturers AX200094 Datasheet HTML 18Page - List of Unclassifed Manufacturers AX200094 Datasheet HTML 19Page - List of Unclassifed Manufacturers AX200094 Datasheet HTML 20Page - List of Unclassifed Manufacturers AX200094 Datasheet HTML 21Page - List of Unclassifed Manufacturers AX200094 Datasheet HTML 22Page - List of Unclassifed Manufacturers AX200094 Datasheet HTML 23Page - List of Unclassifed Manufacturers AX200094 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
COMMERCIAL
NETWORKING
—
OPT IC AL
FIBE R
16.20
For more information, contact Belden T echnical Support: 1-800-BELDEN-1 • www .belden.com
Distribution Cable
Tight Buffer — Indoor Riser, Plenum & LSZH Rated
Specifications
Temperature Range
Storage
-40 to +80°C
Operating
-20 to +70°C
Crush Resistance (EIA-455-41)
2000 N/cm
Impact Resistance (EIA-455-25)
2000 Impacts @ 1.6 N-m
Cyclic Flexing (EIA-455-104)
2000 cycles, min.
Min. Bend Radius
Installation
15 x OD
Long Term
10 x OD
Optical Specifications
See page 10.2
Fiber Bundle Detail
Applications
■ Low to high fiber count requirements
■ In-building backbone
■ Fiber-to-the-desk applications
■ Computer room
Product Description
Flexible thermoplastic jacket provides excellent handling characteristics.
Fibers and cable sub-units are color coded for easy identification.
Length markings in meters for easy determination of cable length.
Full dielectric construction, no grounding required. For Riser offering,
MSHA approved cables are available.
Jacket Material
Riser & Non-unitized Plenum
PVC
Unitized Plenum
PVDF
Low Smoke Zero Halogen
LSZH
Tight Buffer
Riser & Plenum
PVC
Low Smoke Zero Halogen
LSZH
Strength Member
Aramid Yarn
Color Code (Tight Buffer)
Per EIA/TIA 598-A,
see page 10.2
Jacket Color
Single-mode
Yellow
62.5/125 µm
Orange (Green for LSZH only)
50/125 µm / 1 Gbe
Orange
50/125 µm / 10 Gbe
Aqua
Ratings
Riser
UL Type
OFNR
cUL Type
OFN FT4
Flame Resistance
UL 1666
Plenum
UL Type
OFNP
cUL Type
OFN FT6
Flame Resistance
NFPA 262
Low Smoke Zero Halogen
UL Type
OFNR
cUL Type
OFN FT4
Flame Resistance
UL 1666
Aramid Strength
Member
Color
Coded
Jacket
Specified Fiber
(Color Coded)
Outer Jacket
Upjacketed
Central Strength
Member
Overall Polyester
Tape Barrier
Bundles of up to
12 Fibers Each
2 – 12 FIBERS
>12 – 144 FIBERS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com