Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX200094 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # AX200094
Description  Belden IBDN FiberExpress Systems
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AX200094 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button AX200094 Datasheet HTML 14Page - List of Unclassifed Manufacturers AX200094 Datasheet HTML 15Page - List of Unclassifed Manufacturers AX200094 Datasheet HTML 16Page - List of Unclassifed Manufacturers AX200094 Datasheet HTML 17Page - List of Unclassifed Manufacturers AX200094 Datasheet HTML 18Page - List of Unclassifed Manufacturers AX200094 Datasheet HTML 19Page - List of Unclassifed Manufacturers AX200094 Datasheet HTML 20Page - List of Unclassifed Manufacturers AX200094 Datasheet HTML 21Page - List of Unclassifed Manufacturers AX200094 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
COMMERCIAL
NETWORKING
—
OPT IC AL
FIBE R
16.18
For more information, contact Belden T echnical Support: 1-800-BELDEN-1 • www .belden.com
The Belden line of Optical Fiber Cables represents a new selection
of the best optical fiber cable products offered by the consolidated
resources of the Belden organization. The unmatched resources of
Belden have now generated a complete line of indoor and outdoor
cable products in tight buffered and loose tube constructions. This
offering now expands the available applications for Belden optical
fiber cable.
Customer Service
Most of our optical fiber cables are available from stock. Many of
these are available off-the-shelf from distributors. If you have a new
or unusual application, or you cannot find a optical fiber cable in
this catalog section that meets your technical requirements, contact
Technical Support at 1-800-BELDEN-1 for additional information.
Grade:
Glass Type:
2
62.5/125µ
3
62.5/125µ
4
50/125µ
5
50/125µ
6
50/125µ
Single-mode
Enhanced
6
Cable Selection Guide
Introduction
Multimode
6
50/125
exceeds
500
10
TIA/EIA-568-B.3-1
ISO 11801 OM3
5
50/125
TIA/EIA-568-B.3-1
300
10
ISO 11801 OM3
4
50/125
TIA/EIA-568-B.3
600
1
3
62.5/125
TIA/EIA-568-B.3
1,000
1
2
62.5/125
TIA/EIA-568-B.3
550
1
1
▲
62.5/125
FDDI grade
†
——
Single-mode
—
—
ITU G.652.c/d
††
——
▲ Grade 1 fibers are available upon request.
† Used in most current cable plants, but not recommended for future installations,
except as patch cordage
†† Low water peak fiber with advantages for CWDM applications
Type
Grade
Fiber Size
(µ)
Link
Length
(m)
Data
Rate
(Gb)
Standards
Compliance
Optical Fiber Selection
Color Code Charts
Jacket Color Chart
Cable Type
Jacket Color
Loose Tube & Outside Plant Cables
Black
Industrial Tray Cables
Orange
Tight Buffered Cables
Grades 2,3,4
Orange
Grades 5,6
Aqua
Single-mode
Yellow
Nonstandard jacket colors are available upon request.
Operating Wavelength (nm)
850/1300
850/1300
850/1300
850/1300
850/1300
1310/1550
Min. OFL1 Bandwidth (MHz-km)
200/500
200/500
500/500
1500/500
3000/500
—
Min. Laser 2 Bandwidth (MHz-km)
220/500
385/500
510/500
2000/500
4000/500
—
Max. Attenuation Loose Tube (dB/km)
3.25/1.0
3.25/1.0
3.0/1.0
3.0/1.0
3.0/1.0
0.40/0.30
Max. Attenuation Tight Buffered 3 (dB/km)
3.50/1.25
3.50/1.25
3.50/1.25
3.50/1.25
3.50/1.25
0.80/0.50
100 Mb Fast Ethernet Min. Link Length (meters S/L4)
300/2000
300/2000
300/2000
300/2000
300/2000
—/5000
1 Gb Ethernet Min. Link Length (meters S/L4)
300/550
500/1000
600/600
1000
5/600
1000
5/600
—/5000
10 Gb Ethernet Min. Link Length (meters S/L4)
35/300
35/300
85/300
300/300
500/300
—/10,000
1 OFL = Overfilled Launch
4 S/L = Short wavelength (850 nm) / Long wavelength (1310 nm)
2 Effective Modal Bandwidth, determined by RML or DMD performance specifications
5 >2000 meters for engineered links
3 Max. Attenuation for Tight Buffered, Ribbon, Micro-Loose Tube and Loose Tube Plenum Cables
6 Low water peak Single-Mode suitable for CWDM use complies with ITU G.652.c/d
Optical Specifications
Cable Selection Guide
Fiber/Tube No.
Color
1
Blue
2
Orange
3
Green
4
Brown
5
Slate
6
White
Fiber/Tube No.
Color
7
Red
8
Black
9
Yellow
10
Violet
11
Rose
12
Aqua
Fiber Sub-unit Color Code Chart*
*Per EIA/TIA 598-A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com