Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX200094 Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # AX200094
Description  Belden IBDN FiberExpress Systems
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AX200094 Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button AX200094 Datasheet HTML 26Page - List of Unclassifed Manufacturers AX200094 Datasheet HTML 27Page - List of Unclassifed Manufacturers AX200094 Datasheet HTML 28Page - List of Unclassifed Manufacturers AX200094 Datasheet HTML 29Page - List of Unclassifed Manufacturers AX200094 Datasheet HTML 30Page - List of Unclassifed Manufacturers AX200094 Datasheet HTML 31Page - List of Unclassifed Manufacturers AX200094 Datasheet HTML 32Page - List of Unclassifed Manufacturers AX200094 Datasheet HTML 33Page - List of Unclassifed Manufacturers AX200094 Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 35 page
background image
COMMERCIAL
NETWORKING
—
OPT IC AL
FIBE R
16.30
For more information, contact Belden T echnical Support: 1-800-BELDEN-1 • www .belden.com
Double Jacket, Heavy-Duty Cable
Loose Tube — Outdoor
Specifications
Temperature Range
Storage
-50 to +80°C
Operating
-40 to +70°C
Crush Resistance (EIA-455-41)
2000 N/cm
Impact Resistance (EIA-455-25)
2000 Impacts @ 1.6 N-m
Min. Bend Radius
Installation
20 x OD
Long Term
15 x OD
Optical Specifications
See page 10.2
Fiber Bundle Detail
Applications
■ Direct burial
■ Harsh environments
■ Applications requiring good ozone-,
moisture- and weather-resistance
Product Description
Gel-filled buffer tube prevents water migration.
Available with up to 216 fibers.
Jacket Material
Outer Jacket:
PE
Inner Jacket:
PE
Buffer Tube
PBT
Strength Member
Aramid Yarn
Central Strength Member
E-Glass
Core Wrap
Water Swellable Tape
Color Code (Buffer)
Per EIA/TIA 598-A,
see page 10.2
Jacket Color
Black
Optical
Fibers
Gel-filled
Buffer Tube
Polyethylene
Inner Jacket
Fiber Bundles
Dielectric Central
Strength Member
Polyethylene
Outer Jacket
Dry Water-Blocking
System
Aramid
Strength
Member
Binder
Rip Cords
Loose Tube Series — Heavy Duty
Outdoor
22
M9B840
M9A840
M9C840
M9W840
0.44
11.18
60
89
600
2700
44
M9B841
M9A841
M9C841
M9W841
0.44
11.18
60
89
600
2700
66
M9B842
M9A842
M9C842
M9W842
0.44
11.18
60
89
600
2700
84
M9B843
M9A843
M9C843
M9W843
0.44
11.18
60
89
600
2700
12
6
M9B844
M9A844
M9C844
M9W844
0.44
11.18
60
89
600
2700
18
6
M9B845
M9A845
M9C845
M9W845
0.44
11.18
60
89
600
2700
24
6
M9B846
M9A846
M9C846
M9W846
0.44
11.18
60
89
600
2700
36
6
M9B847
M9A847
M9C847
M9W847
0.44
11.18
60
89
600
2700
48
12
M9B848
M9A848
M9C848
M9W848
0.54
13.72
136
202
600
2700
72
12
M9B849
M9A849
M9C849
M9W849
0.54
13.72
136
202
600
2700
96
12
M9B820
M9A820
M9C820
M9W820
0.61
15.37
152
226
600
2700
144
12
M9B821
M9A821
M9C821
M9W821
0.76
19.30
255
379
600
2700
216
12
M9B822
M9A822
M9C822
M9W822
0.76
19.30
255
379
600
2700
Single-mode
Enhanced
50 / 125µm
10 Gbe – 300M
50 / 125µm
Std. / 1 Gbe
Belden Part Number
62.5 / 125µm
Std. / 1 Gbe
Inch
mm
Outside Diameter
Lbs./1000
′′
kg/km
Weight
Max. Install Load
Lbs.
N
Fibers
Per
Tube
No.
of
Fibers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com