Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX200094 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # AX200094
Description  Belden IBDN FiberExpress Systems
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AX200094 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button AX200094 Datasheet HTML 3Page - List of Unclassifed Manufacturers AX200094 Datasheet HTML 4Page - List of Unclassifed Manufacturers AX200094 Datasheet HTML 5Page - List of Unclassifed Manufacturers AX200094 Datasheet HTML 6Page - List of Unclassifed Manufacturers AX200094 Datasheet HTML 7Page - List of Unclassifed Manufacturers AX200094 Datasheet HTML 8Page - List of Unclassifed Manufacturers AX200094 Datasheet HTML 9Page - List of Unclassifed Manufacturers AX200094 Datasheet HTML 10Page - List of Unclassifed Manufacturers AX200094 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
COMMERCIAL
NETWORKING
—
OPT IC AL
FIBE R
16.7
For more information, contact Belden T echnical Support: 1-800-BELDEN-1 • www .belden.com
Fiber
Express Pre-Connectorized Assemblies
Cable Assemblies
MPO Cable Assembly
MPO Cable Assemblies are multi-fiber cables using single MPO connectors 6, 8 and 12-fiber that are used
to interconnect pre-terminated devices such as Fiber
Express Pre-terminated Modules and FiberExpress
Bars. Depending on the application, MPO Cable Assemblies can use Ribbon Cables or Loose Tube cables.
MPO cables are available in lengths of up to 500 meters with a pulling-eye for ease of deployment.
Multi-fiber Cable Assembly
Multi-fiber Cable Assemblies are factory-terminated fiber cables of various constructions (distribution,
breakout or ribbon) using simplex, duplex or multi-fiber connectors. They are available in configurations
from 2-fiber up to 144-fiber with various kinds of fan-out constructions, lengths and geometry to suit
virtually any application.
Fiber
Express Pre-Connectorized Assemblies
MPO Cable Assembly, FOMC, MPO(f)-MPO(f)
1 pulling eye, OFNP, 12 fibers, 10 m (33 ft.)
AX250021
AX250345
1 pulling eye, OFNP, 12 fibers, 20 m (66 ft.)
AX250105
AX250376
1 pulling eye, OFNP, 12 fibers, 50 m (164 ft.)
AX250349
AX250065
1 pulling eye, OFNP, 12 fibers, 75 m (246 ft.)
AX250060
AX250066
1 pulling eye, OFNP, 12 fibers, 100 m (328 ft.)
AX250061
AX250067
1 pulling eye, OFNP, 12 fibers, 10 m (33 ft.)
AX250457
AX250224
1 pulling eye, OFNP, 12 fibers, 20 m (66 ft.)
AX250412
AX250106
1 pulling eye, OFNP, 12 fibers, 50 m (164 ft.)
AX250387
AX250071
1 pulling eye, OFNP, 12 fibers, 75 m (246 ft.)
AX250413
AX250072
1 pulling eye, OFNP, 12 fibers, 100 m (328 ft.)
AX250458
AX250073
Also available in 6 or 8-fiber MPO Cable Assemblies, please contact Customer Service for more details.
Multi-fiber Cable Assembly, MPO(m)-ST
Multimode FX300, 62.5 µm, 12 fibers
NXC-RPML-PGPNNN-STPFBN-N-01.5
Multimode FX600, 50 µm, 12 fibers
NXC-RPNL-PGPNNN-STPFBN-N-01.5
Multimode FX2000, 50 µm, 12 fibers
NXC-RPFL-PGPNNN-STPFBN-N-01.5
Single-mode, 12 fibers
NXC-RPSL-PGANNN-STSFBN-N-01.5
Multi-fiber Cable Assembly, MPO(m)-SC
Multimode FX300, 62.5 µm, 12 fibers
NXC-RPML-PGPNNN-SCPFBN-N-01.5
Multimode FX600, 50 µm, 12 fibers
NXC-RPNL-PGPNNN-SCPFBN-N-01.5
Multimode FX2000, 50 µm, 12 fibers
NXC-RPFL-PGPNNN-SCPFBN-N-01.5
Single-mode, 12 fibers
NXC-RPSL-PGANNN-SCSFBN-N-01.5
Multi-fiber Cable Assembly, MPO(m)-LC
Multimode, FX300, 62.5 µm, 12 fibers
NXC-RPML-PGPNNN-LCPFBN-N-01.5
Multimode FX600, 50 µm, 12 fibers
NXC-RPNL-PGPNNN-LCPFBN-N-01.5
Multimode FX2000, 50 µm, 12 fibers
NXC-RPFL-PGPNNN-LCPFBN-N-01.5
Single-mode, 12 fibers
NXC-RPSL-PGANNN-LCSFBN-N-01.5
Multi-fiber Cable Assembly, MPO(m)-MTRJ(m)
Multimode FX300, 62.5 µm, 12 fibers
NXC-RPML-PGPNNN-JBPFBN-N-01.5
Multimode FX600, 50 µm, 12 fibers
NXC-RPNL-PGPNNN-JBPFBN-N-01.5
Multimode FX2000, 50 µm, 12 fibers
NXC-RPFL-PGPNNN-JBPFBN-N-01.5
Single-mode, 12 fibers
NXC-RPSL-PGANNN-JBSFBN-N-01.5
These products are in the process of being assessed for RoHS compliance. Please check our Web Site for the most current RoHS status.
Belden Part Number
Description
Multimode, FX300, 62.5 µm
Multimode, FX2000, 50 µm
Single-mode
Multimode, FX600, 50 µm
AX250105 MPO Cable Assembly
Multi-fiber Cable Assembly
900 µm Fan-out Assembly



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com