Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX200094 Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # AX200094
Description  Belden IBDN FiberExpress Systems
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AX200094 Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button AX200094 Datasheet HTML 23Page - List of Unclassifed Manufacturers AX200094 Datasheet HTML 24Page - List of Unclassifed Manufacturers AX200094 Datasheet HTML 25Page - List of Unclassifed Manufacturers AX200094 Datasheet HTML 26Page - List of Unclassifed Manufacturers AX200094 Datasheet HTML 27Page - List of Unclassifed Manufacturers AX200094 Datasheet HTML 28Page - List of Unclassifed Manufacturers AX200094 Datasheet HTML 29Page - List of Unclassifed Manufacturers AX200094 Datasheet HTML 30Page - List of Unclassifed Manufacturers AX200094 Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
COMMERCIAL
NETWORKING
—
OPT IC AL
FIBE R
16.27
For more information, contact Belden T echnical Support: 1-800-BELDEN-1 • www .belden.com
Single Jacket, All Dielectric Cable
Loose Tube — Outdoor, and Indoor/Outdoor Riser Rated
Specifications
Temperature Range (Outdoor Series)
Storage
-50 to +80°C
Operating
-40 to +70°C
Temperature Range (Riser Series)
Storage
-40 to +80°C
Operating
-40 to +70°C
Crush Resistance (EIA-455-41)
2000 N/cm
Impact Resistance (EIA-455-25)
2000 Impacts @ 1.6 N-m
Min. Bend Radius
Installation
20 x OD
Long Term
15 x OD
Optical Specifications
See page 10.2
Fiber Bundle Detail
Applications
■ Medium to high fiber count requirements
■ Inter-building duct installations
■ Lashed aerial
■ Indoor/outdoor
■ Industrial outside plant
Product Description
Gel-filled buffer tube prevents water migration. All-dielectric strength
member. Available as Riser rated cable, thereby eliminating the
need for service entrance splicing to in-building cable. Full dielectric
construction, no grounding required. Available with up to 216 fibers.
Length markings in meters for easy determination of cable length.
Jacket Material
Outdoor
PE
Riser
PVC
Buffer Tube
PBT
Strength Member
Aramid Yarn
Central Strength Member
E-Glass
Color Code (Buffer)
Per EIA/TIA 598-A,
see page 10.2
Jacket Color
Black
Ratings
Riser
UL Type
OFNR
cUL Type
OFN FT4
Flame Resistance
UL 1666
Single-mode
Enhanced
50 / 125µm
10 Gbe – 300M
50 / 125µm
Std. / 1 Gbe
Belden Part Number
62.5 / 125µm
Std. / 1 Gbe
Inch
mm
Outside Diameter
Lbs./1000
′′
kg/km
Weight
Max. Install Load
Lbs.
N
Fibers
Per
Tube
Loose Tube Series
Outdoor
66
M9B510T
M9A510T
M9C510T
M9W510T
0.38
9.65
44
65
600
2700
12
6
M9B511T
M9A511T
M9C511T
M9W511T
0.38
9.65
44
65
600
2700
24
6
M9B500T
M9A500T
M9C500T
M9W500T
0.38
9.65
45
67
600
2700
36
6
M9B502T
M9A502T
M9C502T
M9W502T
0.38
9.65
47
70
600
2700
48
12
M9B505T
M9A505T
M9C505T
M9W505T
0.48
12.19
70
104
600
2700
72
12
M9B507T
M9A507T
M9C507T
M9W507T
0.48
12.19
70
104
600
2700
96
12
M9B513T
M9A513T
M9C513T
M9W513T
0.55
13.89
93
138
600
2700
144
12
M9B509T
M9A509T
M9C509T
M9W509T
0.70
17.78
149
222
600
2700
216
12
M9B520T
M9A520T
M9C520T
M9W520T
0.72
18.16
148
220
600
2700
Riser (NEC/CEC OFNR/OFN FT4)
66
M9B810
M9A810
M9C810
M9W810
0.38
9.65
63
94
600
2700
12
6
M9B811
M9A811
M9C811
M9W811
0.38
9.65
62
92
600
2700
24
6
M9B812
M9A812
M9C812
M9W812
0.38
9.65
61
91
600
2700
36
6
M9B813
M9A813
M9C813
M9W813
0.38
9.65
60
89
600
2700
48
12
M9B814
M9A814
M9C814
M9W814
0.48
12.19
89
132
600
2700
72
12
M9B815
M9A815
M9C815
M9W815
0.48
12.19
87
129
600
2700
96
12
M9B816
M9A816
M9C816
M9W816
0.55
13.89
114
170
600
2700
144
12
M9B817
M9A817
M9C817
M9W817
0.70
17.78
187
278
600
2700
Alternative fiber counts are available.
Moisture
Blocking
Gel
Thermoplastic
Tube
Multiple
250 micron
Fibers
Central E-Glass
Strength Member
Aramid Strength
Members
Outer Jacket
Fiber
Bundles
Waterblocking
Tape
No.
of
Fibers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com