Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX200094 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # AX200094
Description  Belden IBDN FiberExpress Systems
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AX200094 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button AX200094 Datasheet HTML 2Page - List of Unclassifed Manufacturers AX200094 Datasheet HTML 3Page - List of Unclassifed Manufacturers AX200094 Datasheet HTML 4Page - List of Unclassifed Manufacturers AX200094 Datasheet HTML 5Page - List of Unclassifed Manufacturers AX200094 Datasheet HTML 6Page - List of Unclassifed Manufacturers AX200094 Datasheet HTML 7Page - List of Unclassifed Manufacturers AX200094 Datasheet HTML 8Page - List of Unclassifed Manufacturers AX200094 Datasheet HTML 9Page - List of Unclassifed Manufacturers AX200094 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
COMMERCIAL
NETWORKING
—
OPT IC AL
FIBE R
16.6
For more information, contact Belden T echnical Support: 1-800-BELDEN-1 • www .belden.com
Belden Part Number
Multimode, FX300, 62.5 µm
Multimode, FX600, 50 µm
Multimode, FX2000, 50 µm
Single-mode SPC
Fiber
Express Patch Cords
Fiber
Express Duplex Patch Cord Assemblies are of the highest quality available. They are assembled
and 100% optically tested in our factory prior to shipment. All patch cords are built with high-quality
connectors and cables which guarantees superior performance and excellent reliability.
Fiber
Express Pre-Connectorized Assemblies
Duplex Patch Cord
ST-ST, 2 m (6 ft.)
70102419
AX200341
AX200799
AX200090
ST-ST, 3 m (10 ft.)
70102420
AX200459
AX200795
AX200091
ST-ST, 5 m (16 ft.)
70102447
AX200413
AX200800
AX200092
568SC-568SC, 2 m (6 ft.)
AX200056
AX200084
AX200603
AX200094
568SC-568SC, 3 m (10 ft.)
AX200057
AX200082
AX200589
AX200095
568SC-568SC, 5 m (16 ft.)
AX200058
AX200280
AX200624
AX200096
LC duplex-LC duplex, 2 m (6 ft.)
AX200517
AX200527
AX200664
AX200507
LC duplex-LC duplex, 3 m (10 ft.)
AX200518
AX200528
AX200665
AX200508
LC duplex-LC duplex, 5 m (16 ft.)
AX200519
AX200529
AX200666
AX200509
MTRJ-MTRJ, 2 m (6 ft.)
AX101122
AX101139
AX200801
AX101157
MTRJ-MTRJ, 3 m (10 ft.)
AX101123
AX101138
AX200802
AX101156
MTRJ-MTRJ, 5 m (16 ft.)
AX101125
AX101137
AX200803
AX101155
Hybrid Patch Cord
568SC-ST, 3 m (10 ft.)
AX200060
AX200196
AX200900
AX200421
LC duplex-ST, 3 m (10 ft.)
AX200699
AX200695
AX200809
AX200698
LC duplex-568SC, 3 m (10 ft.)
AX200580
AX200581
AX200668
AX200667
MTRJ-ST, 3 m (10 ft.)
AX101133
AX101151
AX200810
AX101166
MTRJ-568SC, 3 m (10 ft.)
AX101128
AX101143
AX200797
AX101161
Single-ended (pigtails)
ST-open, 2 m (6 ft.)
70100390
AX200458
AX200811
AX200097
SC-open, 2 m (6 ft.)
70101714
AX200192
AX200653
AX200098
LC-open, 2 m (6 ft.)
AX200657
AX200658
AX200660
AX200659
MTRJ(m)-open, 3 m (10 ft.)
AX101366
AX101367
AX200812
AX101368
Also available as Simplex Patch Cords or custom assemblies, please contact Customer Service for more details.
These products are in the process of being assessed for RoHS compliance. Please check our Web Site for the most current RoHS status.
Description
AX200057 Patch Cord Multimode SC Duplex (568SC)
Pre-Connectorized Assemblies
Fiber
Express Patch Cords



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com