Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB84VB2000 Datasheet(PDF) 5 Page - fujitsu semiconductor

Part # MB84VB2000
Description  8M (x 8/x 16) FLASH MEMORY & 8M (x 8/x 16) FLASH MEMORY
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB84VB2000 Datasheet(HTML) 5 Page - fujitsu semiconductor

  MB84VB2000 Datasheet HTML 1Page - fujitsu semiconductor MB84VB2000 Datasheet HTML 2Page - fujitsu semiconductor MB84VB2000 Datasheet HTML 3Page - fujitsu semiconductor MB84VB2000 Datasheet HTML 4Page - fujitsu semiconductor MB84VB2000 Datasheet HTML 5Page - fujitsu semiconductor MB84VB2000 Datasheet HTML 6Page - fujitsu semiconductor MB84VB2000 Datasheet HTML 7Page - fujitsu semiconductor MB84VB2000 Datasheet HTML 8Page - fujitsu semiconductor MB84VB2000 Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5
MB84VB2000-10/MB84VB2001-10
Legend: L = VIL, H = VIH, X = VIL or VIH,
= Pulse input. See DC Characteristics for voltage levels.
Notes: 1.Manufacturer and device codes may also be accessed via a command register write sequence. See
Table 7.
2.Refer to the section on Sector Protection.
3.WE can be VIL if OE is VIL, OE at VIH initiates the write operations.
4.VCC = 3.3 V
±10%
5.Do not apply CE1 = CE2 = VIL at a time.
Table 3
MB84VB2000/MB84VB2001 User Bus Operations (BYTE = VIL)
Operation (5)
CE1
CE2
OE
WE
DQ15/
A-1
A0
A1
A6
A9
DQ0 to
DQ7
RESET
Auto-Select Manufacture’s
Code (1)
HL
L
H
L
LLL
VID
Code
H
LH
Auto-Select Device Code (1)
HL
LH
L
H
L
L
VID
Code
H
LH
Read (3)
HL
LH
A-1
A0
A1
A6
A9
DOUT
H
LH
Full Standby
H
H
X
X
X
X
X
X
X
HIGH-Z
H
Output Disable
X
X
H
H
X
X
X
X
X
HIGH-Z
H
Write (Program/Erase)
HL
HL
A-1
A0
A1
A6
A9
DIN
H
LH
Enable Sector Protection
(2), (4)
HL
VID
LL
H
L
VID
XH
LH
Verify Sector Protection
(2), (4)
HL
LH
L
L
HL
VID
Code
H
LH
Temporary Sector
Unprotection
XXXX
X
X
XXX
X
VID
Reset (Hardware)/Standby
X
X
X
X
X
X
X
X
X
HIGH-Z
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com