Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB84VB2000 Datasheet(PDF) 9 Page - fujitsu semiconductor

Part # MB84VB2000
Description  8M (x 8/x 16) FLASH MEMORY & 8M (x 8/x 16) FLASH MEMORY
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB84VB2000 Datasheet(HTML) 9 Page - fujitsu semiconductor

Back Button MB84VB2000 Datasheet HTML 5Page - fujitsu semiconductor MB84VB2000 Datasheet HTML 6Page - fujitsu semiconductor MB84VB2000 Datasheet HTML 7Page - fujitsu semiconductor MB84VB2000 Datasheet HTML 8Page - fujitsu semiconductor MB84VB2000 Datasheet HTML 9Page - fujitsu semiconductor MB84VB2000 Datasheet HTML 10Page - fujitsu semiconductor MB84VB2000 Datasheet HTML 11Page - fujitsu semiconductor MB84VB2000 Datasheet HTML 12Page - fujitsu semiconductor MB84VB2000 Datasheet HTML 13Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
9
MB84VB2000-10/MB84VB2001-10
*1: A-1 is for Byte mode.
(B): Byte mode
(W): Word mode
Table 6.1 Flash Memory Autoselect Codes
Type
A6
A1
A0
A-1*1
Code (HEX)
Manufacture’s Code
VIL
VIL
VIL
VIL
04H
Device Code
MB84VB2000
Byte
VIL
VIL
VIH
VIL
DAH
Word
X
22DAH
MB84VB2001
Byte
VIL
VIL
VIH
VIL
5BH
Word
X
225BH
Table 6.2 Expanded Autoselect Code Table
Type
Code
DQ15 DQ14 DQ13 DQ12 DQ11 DQ10 DQ9
DQ8 DQ7 DQ6 DQ5 DQ4 DQ3 DQ2 DQ1 DQ0
Manufacture’s Code
04H A-1/0
0000000
0
0
0
0
0
1
0
0
Device
Code
MB84VB2000
(B)
DAH
A-1
HI-Z HI-Z HI-Z HI-Z HI-Z HI-Z HI-Z
1
1
0
1
1
0
1
0
(W) 22DAH
00100010
1
1
0
1
1
0
1
0
MB84VB2001
(B)
5BH
A-1
HI-Z HI-Z HI-Z HI-Z HI-Z HI-Z HI-Z
0
1
0
1
1
0
1
1
(W) 225BH
00100010
0
1
0
1
1
0
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com