Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB84VB2000 Datasheet(PDF) 10 Page - fujitsu semiconductor

Part # MB84VB2000
Description  8M (x 8/x 16) FLASH MEMORY & 8M (x 8/x 16) FLASH MEMORY
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB84VB2000 Datasheet(HTML) 10 Page - fujitsu semiconductor

Back Button MB84VB2000 Datasheet HTML 6Page - fujitsu semiconductor MB84VB2000 Datasheet HTML 7Page - fujitsu semiconductor MB84VB2000 Datasheet HTML 8Page - fujitsu semiconductor MB84VB2000 Datasheet HTML 9Page - fujitsu semiconductor MB84VB2000 Datasheet HTML 10Page - fujitsu semiconductor MB84VB2000 Datasheet HTML 11Page - fujitsu semiconductor MB84VB2000 Datasheet HTML 12Page - fujitsu semiconductor MB84VB2000 Datasheet HTML 13Page - fujitsu semiconductor MB84VB2000 Datasheet HTML 14Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
10
MB84VB2000-10/MB84VB2001-10
Address bits A11 to A17 = X = “H” or “L” for all address commands except or Program Address (PA) and Sector
Address (SA).
Bus operations are defined in Tables 2 and 3.
The system should generate the following address patterns:
Word Mode: 555H or 2AAH to addresses A0 to A10
Byte Mode: AAAH or 555H to addresses A-1 and A0 to A10
Both Read/Reset commands are functionally equivalent, resetting the device to the read mode.
RA =Address of the memory location to be read
PA =Address of the memory location to be programmed
Addresses are latched on the falling edge of the write pulse.
SA =Address of the sector to be erased. The combination of A18, A17, A16, A15, A14, A13, and A12 will
uniquely select any sector.
RD =Data read from location RA during read operation.
PD =Data to be programmed at location PA. Data is latched on the falling edge of write pulse.
SPA:Sector address to be protected. Set sector address (SA) and (A6, A1, A0) = (0, 1, 0).
SD:Sector protection verify data. Output 01H at protected sector addresses and output 00H at unprotected
sector addresses.
Table 7
Flash Memory Command Definitions
Command
Sequence
Bus
Write
Cycles
Req’d
First Bus
Write Cycle
Second Bus
Write Cycle
Third Bus
Write Cycle
Fourth Bus
Read/Write
Cycle
Fifth Bus
Write Cycle
Sixth Bus
Write Cycle
Addr. Data Addr. Data Addr. Data Addr. Data Addr. Data Addr. Data
Read/Reset
1
XXXH F0H
————
—
—
—
—
—
—
Read/Reset
3
555H
AAH
2AAH
55H
555H
F0H
RA
RD
————
AAAH
555H
AAAH
Autoselect
3
555H
AAH
2AAH
55H
555H
90H
—
—————
AAAH
555H
AAAH
Program
4
555H
AAH
2AAH
55H
555H
A0H
PA
PD
————
AAAH
555H
AAAH
Chip Erase
6
555H
AAH
2AAH
55H
555H
80H
555H
AAH
2AAH
55H
555H
10H
AAAH
555H
AAAH
AAAH
555H
AAAH
Sector Erase
6
555H
AAH
2AAH
55H
555H
80H
555H
AAH
2AAH
55H
SA
30H
AAAH
555H
AAAH
AAAH
555H
Sector Erase Suspend
Erase can be suspended during sector erase with Addr. (“H” or “L”). Data (B0H)
Sector Erase Resume
Erase can be resumed after suspend with Addr. (“H” or “L”). Data (30H)
Set to
Fast Mode
3
555H
AAH
2AAH
55H
555H
20H
—
—————
AAAH
555H
AAAH
Fast Program
(Note)
2
XXXH
A0H
PA
PD
—
———————
XXXH
Reset from Fast
Mode (Note)
2
XXXH
90H
XXXH
F0H
—
———————
XXXH
XXXH
Extended
Sector Protect
4
XXXH
60H
SPA
60H
SPA
40H
SPA
SD
—
—
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com