Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB84VB2000 Datasheet(PDF) 1 Page - fujitsu semiconductor

Part # MB84VB2000
Description  8M (x 8/x 16) FLASH MEMORY & 8M (x 8/x 16) FLASH MEMORY
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB84VB2000 Datasheet(HTML) 1 Page - fujitsu semiconductor

  MB84VB2000 Datasheet HTML 1Page - fujitsu semiconductor MB84VB2000 Datasheet HTML 2Page - fujitsu semiconductor MB84VB2000 Datasheet HTML 3Page - fujitsu semiconductor MB84VB2000 Datasheet HTML 4Page - fujitsu semiconductor MB84VB2000 Datasheet HTML 5Page - fujitsu semiconductor MB84VB2000 Datasheet HTML 6Page - fujitsu semiconductor MB84VB2000 Datasheet HTML 7Page - fujitsu semiconductor MB84VB2000 Datasheet HTML 8Page - fujitsu semiconductor MB84VB2000 Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
DS05-50102-2E
FUJITSU SEMICONDUCTOR
DATA SHEET
Embedded EraseTM and Embedded ProgramTM are trademarks of Advanced Micro Devices, Inc.
MCP (Multi-Chip Package) FLASH MEMORY
CMOS
8M (
× 8/× 16) FLASH MEMORY &
8M (
× 8/× 16) FLASH MEMORY
MB84VB2000-10/MB84VB2001-10
s FEATURES
• Contain 2 chips of MBM29LV800A, and each chip have separate CE.
• Power supply voltage of 2.7 to 3.6 V
• High performance
100 ns maximum access time
• Operating Temperature
–40 to +85
°C
• Minimum 100,000 write/erase cycles
• Sector erase architecture
One 16 K byte, two 8 K bytes, one 32 K byte, and fifteen 64 K bytes
× 2 chips
Any combination of sectors can be concurrently erased. Also supports full chip erase.
• Boot Code Sector Architecture
MB84VB2000: Top sector
MB84VB2001: Bottom sector
• Embedded EraseTM Algorithms
Automatically pre-programs and erases the chip or any sector
• Embedded ProgramTM Algorithms
Automatically writes and verifies data at specified address
•Data Polling and Toggle Bit feature for detection of program or erase cycle completion
• Ready/Busy output (RY/BY)
Hardware method for detection of program or erase cycle completion
• Automatic sleep mode
When addresses remain stable, automatically switch themselves to low power mode.
•Low VCC write inhibit
≤ 2.5 V
• Erase Suspend/Resume
Suspends the erase operation to allow a read data in another sector within the same device
• Please refer to "MBM29LV800TA/BA" data sheet in detailed function


Similar Part No. - MB84VB2000

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB84VA20 FUJITSU-MB84VA20 Datasheet
393Kb / 29P
8M (x 8/x 16) FLASH MEMORY & 2M (x 8) STATIC RAM
MB84VA20 FUJITSU-MB84VA20 Datasheet
349Kb / 29P
8M (x 8) FLASH MEMORY & 1M (x 8) STATIC RAM
MB84VA20 FUJITSU-MB84VA20 Datasheet
393Kb / 29P
8M (x 8/x 16) FLASH MEMORY & 1M (x 8) STATIC RAM
MB84VA2000 FUJITSU-MB84VA2000 Datasheet
348Kb / 29P
8M (X 8) FLASH MEMORY & 2M (X 8) STATIC RAM
MB84VA2000-10 FUJITSU-MB84VA2000-10 Datasheet
348Kb / 29P
8M (X 8) FLASH MEMORY & 2M (X 8) STATIC RAM
More results

Similar Description - MB84VB2000

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F2808Q0C SAMSUNG-K9F2808Q0C Datasheet
583Kb / 33P
16M x 8 Bit , 8M x 16 Bit NAND Flash Memory
logo
fujitsu semiconductor
MB84VA2000 FUJITSU-MB84VA2000 Datasheet
348Kb / 29P
8M (X 8) FLASH MEMORY & 2M (X 8) STATIC RAM
MB84VA2002 FUJITSU-MB84VA2002 Datasheet
393Kb / 29P
8M (x 8/x 16) FLASH MEMORY & 2M (x 8) STATIC RAM
MB84VA2006 FUJITSU-MB84VA2006 Datasheet
393Kb / 29P
8M (x 8/x 16) FLASH MEMORY & 1M (x 8) STATIC RAM
MB84VD2002 FUJITSU-MB84VD2002 Datasheet
423Kb / 30P
8M (x 8/x 16) FLASH MEMORY & 2M (x 8) STATIC RAM
MB84VD2008 FUJITSU-MB84VD2008 Datasheet
393Kb / 30P
8M (x 16) FLASH MEMORY & 2M (x 16) STATIC RAM
logo
Samsung semiconductor
K9F6408U0A-TCB0 SAMSUNG-K9F6408U0A-TCB0 Datasheet
347Kb / 26P
8M x 8 Bit NAND Flash Memory
logo
List of Unclassifed Man...
CSR2930800BA ETC-CSR2930800BA Datasheet
475Kb / 50P
FLASH MEMORY CMOS 8M (1M x 8/512K x 16) BIT
logo
SPANSION
MBM29PL64LM SPANSION-MBM29PL64LM Datasheet
797Kb / 69P
Flash Memory 64 M (8M X 8/4M X 16) BIT
MBM29DL800TA SPANSION-MBM29DL800TA Datasheet
601Kb / 57P
FLASH MEMORY CMOS 8M (1M x 8 / 512K x 16) BIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com