Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB84VB2000 Datasheet(PDF) 26 Page - fujitsu semiconductor

Part # MB84VB2000
Description  8M (x 8/x 16) FLASH MEMORY & 8M (x 8/x 16) FLASH MEMORY
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB84VB2000 Datasheet(HTML) 26 Page - fujitsu semiconductor

Back Button MB84VB2000 Datasheet HTML 20Page - fujitsu semiconductor MB84VB2000 Datasheet HTML 21Page - fujitsu semiconductor MB84VB2000 Datasheet HTML 22Page - fujitsu semiconductor MB84VB2000 Datasheet HTML 23Page - fujitsu semiconductor MB84VB2000 Datasheet HTML 24Page - fujitsu semiconductor MB84VB2000 Datasheet HTML 25Page - fujitsu semiconductor MB84VB2000 Datasheet HTML 26Page - fujitsu semiconductor MB84VB2000 Datasheet HTML 27Page - fujitsu semiconductor MB84VB2000 Datasheet HTML 28Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
26
MB84VB2000-10/MB84VB2001-10
s ERASE AND PROGRAMMING PERFORMANCE
s PIN CAPACITANCE
Note: Test conditions TA = 25°C, f = 1.0 MHz
s HANDLING OF PACKAGE
Please hadle this package carefully since the sides of package are right angle.
Parameter
Limits
Unit
Comments
Min.
Typ.
Max.
Sector Erase Time
—
1
15
sec
Excludes programming time
prior to erasure
Word Programming Time
—
16
5,200
µs
Excludes system-level
overhead
Byte Programming Time
—
8
3,600
µs
Chip Programming Time
(1M Byte)
—8.4
50
sec
Excludes system-level
overhead
Erase/Program Cycle
100,000
—
—
cycles
Parameter
Symbol
Parameter Description
Test Setup
Typ.
Max.
Unit
CIN
Input Capacitance
VIN = 0
TBD
TBD
pF
COUT
Output Capacitance
VOUT = 0
TBD
TBD
pF
CIN2
Control Pin Capacitance
VIN = 0
TBD
TBD
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com