Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB84VB2000 Datasheet(PDF) 14 Page - fujitsu semiconductor

Part # MB84VB2000
Description  8M (x 8/x 16) FLASH MEMORY & 8M (x 8/x 16) FLASH MEMORY
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB84VB2000 Datasheet(HTML) 14 Page - fujitsu semiconductor

Back Button MB84VB2000 Datasheet HTML 10Page - fujitsu semiconductor MB84VB2000 Datasheet HTML 11Page - fujitsu semiconductor MB84VB2000 Datasheet HTML 12Page - fujitsu semiconductor MB84VB2000 Datasheet HTML 13Page - fujitsu semiconductor MB84VB2000 Datasheet HTML 14Page - fujitsu semiconductor MB84VB2000 Datasheet HTML 15Page - fujitsu semiconductor MB84VB2000 Datasheet HTML 16Page - fujitsu semiconductor MB84VB2000 Datasheet HTML 17Page - fujitsu semiconductor MB84VB2000 Datasheet HTML 18Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
14
MB84VB2000-10/MB84VB2001-10
• Erase/Program Operations
Notes: 1. This does not include the preprogramming time.
2. This timing is for Sector Protection operation.
Parameter Symbols
Description
-10
Unit
JEDEC
Standard
Min.
Typ.
Max.
tAVAV
tWC
Write Cycle Time
100
—
—
ns
tAVWL
tAS
Address Setup Time (WE to Addr.)
0
—
—
ns
tAVEL
tAS
Address Setup Time (CE to Addr.)
0
—
—
ns
tWLAX
tAH
Address Hold Time (WE to Addr.)
50
—
—
ns
tELAX
tAH
Address Hold Time (CE to Addr.)
50
—
—
ns
tDVWH
tDS
Data Setup Time
50
—
—
ns
tWHDX
tDH
Data Hold Time
0
—
—
ns
—tOES
Output Enable Setup Time
0
—
—
ns
—tOEH
Output Enable Hold Time
Read
0
—
—
ns
Toggle and Data Polling
10
—
—
ns
tGHEL
tGHEL
Read Recover Time Before Write (OE to CE)0
—
—
ns
tGHWL
tGHWL
Read Recover Time Before Write (OE to WE)0
—
—
ns
tWLEL
tWS
WE Setup Time (CE to WE)0
—
—
ns
tELWL
tCS
CE Setup Time (WE to CE)0
—
—
ns
tEHWH
tWH
WE Hold Time (CE to WE)0
—
—
ns
tWHEH
tCH
CE Hold Time (WE to CE)0
—
—
ns
tWLWH
tWP
Write Pulse Width
50
—
—
ns
tELEH
tCP
CE Pulse Width
50
—
—
ns
tWHWL
tWPH
Write Pulse Width High
30
—
—
ns
tEHEL
tCPH
CE Pulse Width High
30
—
—
ns
tWHWH1
tWHWH1
Byte Programming Operation
—
8
—
µs
tWHWH2
tWHWH2
Sector Erase Operation (Note 1)
—
1
15
sec
—tVCS
VCC Setup Time
50
—
—
µs
—tVIDR
Rise Time to VID (Note 2)
500
—
—
ns
—tVLHT
Voltage Transition Time (Note 2)
4
—
—
µs
—tWPP
Write Pulse Width (Note 2)
100
—
—
µs
—tOESP
OE Setup Time to WE Active (Note 2)
4
—
—
µs
—tCSP
CE Setup Time to WE Active (Note 2)
4
—
—
µs
—tRB
Recover Time from RY/BY
0—
—
ns
—tRP
RESET Pulse Width
500
—
—
ns
—tRH
RESET Hold Time Before Read
200
—
—
ns
—tEOE
Delay Time from Embedded Output Enable
—
—
100
ns
—tBUSY
Program/Erase Valid to RY/BY Delay
—
—
90
ns
—tFLQZ
BYTE Switching Low to Output High-Z
—
—
30
ns
—tFLQV
BYTE Switching High to Output Active
30
—
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com