Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB84VB2000 Datasheet(PDF) 13 Page - fujitsu semiconductor

Part # MB84VB2000
Description  8M (x 8/x 16) FLASH MEMORY & 8M (x 8/x 16) FLASH MEMORY
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB84VB2000 Datasheet(HTML) 13 Page - fujitsu semiconductor

Back Button MB84VB2000 Datasheet HTML 9Page - fujitsu semiconductor MB84VB2000 Datasheet HTML 10Page - fujitsu semiconductor MB84VB2000 Datasheet HTML 11Page - fujitsu semiconductor MB84VB2000 Datasheet HTML 12Page - fujitsu semiconductor MB84VB2000 Datasheet HTML 13Page - fujitsu semiconductor MB84VB2000 Datasheet HTML 14Page - fujitsu semiconductor MB84VB2000 Datasheet HTML 15Page - fujitsu semiconductor MB84VB2000 Datasheet HTML 16Page - fujitsu semiconductor MB84VB2000 Datasheet HTML 17Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
13
MB84VB2000-10/MB84VB2001-10
s AC CHARACTERISTICS
•CE Timing
• Read Only Operations Characteristics
Note: Test Conditions–Output Load: 1 TTL gate and 30 pF
Input rise and fall times: 5 ns
Input pulse levels: 0.0 V to 3.0 V
Timing measurement reference level
Input: 1.5 V
Output: 1.5 V
Parameter
Symbols
Description
Test Setup
-10
Unit
JEDEC
Standard
—tCCR
CE Recover Time
—
Min.
0
ns
Parameter
Symbols
Description
Test
Setup
-10
(Note)
Unit
JEDEC
Standard
Min.
Max.
tAVAV
tRC
Read Cycle Time
—
100
—
ns
tAVQV
tACC
Address to Output Delay
CE = VIL
OE = VIL
—100
ns
tELQV
tCE
Chip Enable to Output Delay
OE = VIL
—100
ns
tGLQV
tOE
Output Enable to Output Delay
—
—
40
ns
tEHQZ
tDF
Chip Enable to Output High-Z
—
—
30
ns
tGHQZ
tDF
Output Enable to Output High-Z
—
—
30
ns
tAXQX
tOH
Output Hold Time from Addresses,
CE or OE, Whichever Occurs First
—0
—
ns
—tREADY
RESET Pin Low to Read Mode
—
—
20
µs
—
tELFL
tELFH
CE or BYTE Switching Low or High
—
—
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com