Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB84VB2000 Datasheet(PDF) 12 Page - fujitsu semiconductor

Part # MB84VB2000
Description  8M (x 8/x 16) FLASH MEMORY & 8M (x 8/x 16) FLASH MEMORY
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB84VB2000 Datasheet(HTML) 12 Page - fujitsu semiconductor

Back Button MB84VB2000 Datasheet HTML 8Page - fujitsu semiconductor MB84VB2000 Datasheet HTML 9Page - fujitsu semiconductor MB84VB2000 Datasheet HTML 10Page - fujitsu semiconductor MB84VB2000 Datasheet HTML 11Page - fujitsu semiconductor MB84VB2000 Datasheet HTML 12Page - fujitsu semiconductor MB84VB2000 Datasheet HTML 13Page - fujitsu semiconductor MB84VB2000 Datasheet HTML 14Page - fujitsu semiconductor MB84VB2000 Datasheet HTML 15Page - fujitsu semiconductor MB84VB2000 Datasheet HTML 16Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
12
MB84VB2000-10/MB84VB2001-10
s DC CHARACTERISTICS
Notes: 1.The ICC current listed includes both the DC operating current and the frequency dependent component
(at 10 MHz).
2.ICC active while Embedded Algorithm (program or erase) is in progress.
3. Automatic sleep mode enables the low power mode when address remain stable for 150 ns.
4. (VID – VCC) do not exceed 9 V.
5. Total power consumption is (condition of Flash 1) + (condition of Flash 2).
Parameter
Symbol
Parameter Description
Test Conditions
Min.
Max.
Unit
ILI
Input Leakage Current
VIN = VSS to VCC, VCC = VCC Max.
–1.0
+1.0
µA
ILO
Output Leakage Current
VOUT = VSS to VCC, VCC = VCC Max.
–1.0
+1.0
µA
ILIT
A9, OE, RESET Inputs Leakage
Current
VCC = VCC Max.
A9, OE, RESET = 12.5 V
—70
µA
ICC1
VCC Active Current (Note 1, 5)
CE = VIL, OE = VIH,
f = 10 MHz
Byte
—
22
mA
Word
25
CE = VIL, OE = VIH,
f = 5 MHz
Byte
—
12
mA
Word
15
ICC2
VCC Active Current (Note 2, 5)
CE = VIL, OE = VIH
—35
mA
ICC3
VCC Current (Standby) (Note 5)
VCC = VCC Max., CE = VCC
± 0.3 V,
RESET = VCC
± 0.3 V
—5
µA
ICC4
VCC Current (Standby, Reset)
(Note 5)
VCC = VCC Max.,
RESET = VSS
± 0.3 V
—5
µA
ICC5
VCC Current
(Automatic Sleep Mode)
(Note 3, 5)
VCC = VCC Max., CE = VSS
± 0.3 V,
RESET = VCC
± 0.3 V
VIN = VCC
± 0.3 V or VSS ± 0.3 V
—5
µA
VIL
Input Low Level
—
–0.5
0.6
V
VIH
Input High Level
—
2.0
VCC + 0.3
V
VID
Voltage for Autoselect and Sector
Protection (A9, OE, RESET)
(Note 4)
—
11.5
12.5
V
VOL
Output Low Voltage Level
IOL = 4.0 mA, VCC = VCC Min.
—
0.45
V
VOH1
Output High Voltage Level
IOH = –2.0 mA, VCC = VCC Min.
2.4
—
V
VOH2
IOH = –100
µA, VCC = VCC Min.
VCC – 0.4
—
V
VLKO
Low VCC Lock-Out Voltage
—
2.3
2.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com