Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATXMEGA8E5 Datasheet(PDF) 77 Page - ATMEL Corporation

Part # ATXMEGA8E5
Description  8/16-bit Atmel AVR XMEGA Microcontrollers
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA8E5 Datasheet(HTML) 77 Page - ATMEL Corporation

Back Button ATXMEGA8E5_14 Datasheet HTML 73Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 74Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 75Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 76Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 77Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 78Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 79Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 80Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 81Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 147 page
background image
77
XMEGA E5 [DATASHEET]
Atmel-8153I–AVR-ATxmega8E5-ATxmega16E5-ATxmega32E5_Datasheet–08/2014
36.5
I/O Pin Characteristics
The I/O pins complies with the JEDEC LVTTL and LVCMOS specification and the high- and low level input and output
voltage limits reflect or exceed this specification.
Table 36-6. I/O pin characteristics.
Notes:
1.
The sum of all IOH for PA[7:5] on PORTA must not exceed 100mA.
The sum of all IOH for PA[4:0] on PORTA must not exceed 200mA.
The sum of all IOH for PORTD and PORTR must not exceed 100mA.
The sum of all IOH for PORTC and PDI must not exceed 100mA.
2.
The sum of all IOL for PA[7:5] on PORTA must not exceed 100mA.
The sum of all IOL for PA[4:0] on PORTA must not exceed 100mA.
The sum of all IOL for PORTD and PORTR must not exceed 100mA.
The sum of all IOL for PORTC PDI must not exceed 100mA.
36.6
ADC Characteristics
Table 36-7. Power supply, reference and input range.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
IOH (1)/
IOL (2)
I/O pin source/sink current
-15
15
mA
VIH
High level input voltage,
except XTAL1 and RESET pin
VCC = 2.4 - 3.6V
0.7*VCC
VCC+0.5
V
VCC = 1.6 - 2.4V
0.8*VCC
VCC+0.5
VIL
Low level input voltage,
except XTAL1 and RESET pin
VCC = 2.4- 3.6V
-0.5
0.3*VCC
V
VCC = 1.6 - 2.4V
-0.5
0.2*VCC
VOH
High level output voltage
VCC = 3.3V
IOH = -4mA
2.6
3.1
V
VCC = 3.0V
IOH = -3mA
2.1
2.7
VCC = 1.8V
IOH = -1mA
1.4
1.7
VOL
Low level output voltage
VCC = 3.3V
IOL = 8mA
0.20
0.76
V
VCC = 3.0V
IOL = 5mA
0.15
0.64
VCC = 1.8V
IOL = 3mA
0.10
0.46
IIN
Input leakage current
T = 25°C
<0.01
1.0
µA
RP
Pull/buss keeper resistor
27
k
Ω
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
AVCC
Analog supply voltage
VCC- 0.3
VCC+ 0.3
V
VREF
Reference voltage
1
AVCC- 0.6
V
Rin
Input resistance
Switched
4.5
k
Ω
Cin
Input capacitance
Switched
5
pF
RAREF
Reference input resistance
(leakage only)
>10
M
Ω
CAREF
Reference input capacitance
Static load
7
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com