Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATXMEGA8E5 Datasheet(PDF) 34 Page - ATMEL Corporation

Part # ATXMEGA8E5
Description  8/16-bit Atmel AVR XMEGA Microcontrollers
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA8E5 Datasheet(HTML) 34 Page - ATMEL Corporation

Back Button ATXMEGA8E5_14 Datasheet HTML 30Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 31Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 32Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 33Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 34Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 35Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 36Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 37Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 38Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 147 page
background image
34
XMEGA E5 [DATASHEET]
Atmel-8153I–AVR-ATxmega8E5-ATxmega16E5-ATxmega32E5_Datasheet–08/2014
17.
Timer Counter type 4 and 5
17.1
Features
Three 16-bit timer/counter
One timer/counter of type 4
Two timer/counter of type 5
32-bit timer/counter support by cascading two timer/counters
Up to four compare or capture (CC) channels
Four CC channels for timer/counters of type 4
Two CC channels for timer/counters of type 5
Double buffered timer period setting
Double buffered CC channels
Waveform generation modes:
Frequency generation
Single-slope pulse width modulation
Dual-slope pulse width modulation
Input capture:
Input capture with noise cancelling
Frequency capture
Pulse width capture
32-bit input capture
Timer overflow and error interrupts/events
One compare match or input capture interrupt/event per CC channel
Can be used with event system for:
Quadrature decoding
Count and direction control
Input capture
Can be used with EDMA and to trigger EDMA transactions
High-resolution extension
Increases frequency and waveform resolution by 4x (2-bit) or 8x (3-bit)
Waveform extension
Low- and high-side output with programmable dead-time insertion (DTI)
Fault extention
Event controlled fault protection for safe disabling of drivers
17.2
Overview
Atmel AVR XMEGA devices have a set of flexible, 16-bit timer/counters (TC). Their capabilities include accurate program
execution timing, frequency and waveform generation, and input capture with time and frequency measurement of digital
signals. Two timer/counters can be cascaded to create a 32-bit timer/counter with optional 32-bit input capture.
A timer/counter consists of a base counter and a set of compare or capture (CC) channels. The base counter can be
used to count clock cycles or events. It has direction control and period setting that can be used for timing. The CC
channels can be used together with the base counter to do compare match control, frequency generation, and pulse
width modulation (PWM) generation, as well as various input capture operations. A timer/counter can be configured for
either capture, compare, or capture and compare function.
A timer/counter can be clocked and timed from the peripheral clock with optional prescaling, or from the event system.
The event system can also be used for direction control, input capture trigger or to synchronize operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com