Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATXMEGA8E5 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATXMEGA8E5
Description  8/16-bit Atmel AVR XMEGA Microcontrollers
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA8E5 Datasheet(HTML) 3 Page - ATMEL Corporation

  ATXMEGA8E5_14 Datasheet HTML 1Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 2Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 3Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 4Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 5Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 6Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 7Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 8Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 147 page
background image
3
XMEGA E5 [DATASHEET]
Atmel-8153I–AVR-ATxmega8E5-ATxmega16E5-ATxmega32E5_Datasheet–08/2014
Notes:
1.
This device can also be supplied in wafer form. Please contact your local Atmel sales office for detailed ordering information.
2.
Pb-free packaging, complies to the European Directive for Restriction of Hazardous Substances (RoHS directive). Also Halide free and fully Green.
3.
For packaging information, see “Packaging information” on page 69.
4.
Tape and Reel
2.
Typical Applications
ATxmega32E5-AN
32A
(7x7mm TQFP)
32K + 4K
1K
4K
32
1.6 – 3.6V
-40°C – 105°C
ATxmega32E5ANR(4)
ATxmega32E5-MN
32Z
(5x5mm VQFN)
ATxmega32E5-MNR(4)
ATxmega32E5-M4N
32MA
(4x4mm UQFN)
ATxmega32E5-M4NR(4)
Ordering Code
Package(1)(2)(3)
Flash
(Bytes)
EEPROM
(Bytes)
SRAM
(Bytes)
Speed
(MHz)
Power supply
Temp.
Package Type
32A
32-lead, 7x7mm body size, 1.0mm body thickness, 0.8mm lead pitch, thin profile plastic quad flat package (TQFP)
32Z
32-lead, 0.5mm pitch, 5x5mm Very Thin quad Flat No Lead Package (VQFN) Sawn
32MA
32-lead, 0.4mm pitch, 4x4x0.60mm Ultra Thin Quad No Lead (UQFN) Package
Board controller
Sensor control
Motor control
User interface
Industrial control
Ballast control, Inverters
Communication bridges
Battery charger
Utility metering
Appliances



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com