Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATXMEGA8E5 Datasheet(PDF) 79 Page - ATMEL Corporation

Part # ATXMEGA8E5
Description  8/16-bit Atmel AVR XMEGA Microcontrollers
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA8E5 Datasheet(HTML) 79 Page - ATMEL Corporation

Back Button ATXMEGA8E5_14 Datasheet HTML 75Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 76Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 77Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 78Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 79Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 80Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 81Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 82Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 83Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 147 page
background image
79
XMEGA E5 [DATASHEET]
Atmel-8153I–AVR-ATxmega8E5-ATxmega16E5-ATxmega32E5_Datasheet–08/2014
Notes:
1.
Maximum numbers are based on characterisation and not tested in production, and valid for 10% to 90% input voltage range.
2.
Unless otherwise noted all linearity, offset and gain error numbers are valid under the condition that external VREF is used.
Table 36-10. Gain stage characteristics.
DNL(1)
Differential non-linearity
Differential mode
16kSPS, VREF = 3V
1
lsb
16kSPS, VREF = 1V
2
300kSPS, VREF = 3V
1
300kSPS, VREF = 1V
2
Single ended
unsigned mode
16kSPS, VREF = 3.0V
1
1.5
16kSPS, VREF = 1.0V
2
3
Offset Error
Differential mode
8
mV
Temperature drift
0.01
mV/K
Operating voltage drift
0.25
mV/V
Gain Error
Differential mode
External reference
-5
mV
AVCC/1.6
-5
AVCC/2.0
-6
Bandgap
±10
Temperature drift
0.02
mV/K
Operating voltage drift
2
mV/V
Gain Error
Single ended
unsigned mode
External reference
-8
mV
AVCC/1.6
-8
AVCC/2.0
-8
Bandgap
±10
Temperature drift
0.03
mV/K
Operating voltage drift
2
mV/V
Symbol
Parameter
Condition(2)
Min.
Typ.
Max.
Units
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
Rin
Input resistance
Switched
4.0
k
Ω
Csample
Input capacitance
Switched
4.4
pF
Signal range
Gain stage output
0
AVCC- 0.6
V
Propagation delay
ADC conversion rate
1/2
1
3
ClkADC
cycles
Clock rate
Same as ADC
100
1800
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com