Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATXMEGA8E5 Datasheet(PDF) 52 Page - ATMEL Corporation

Part # ATXMEGA8E5
Description  8/16-bit Atmel AVR XMEGA Microcontrollers
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA8E5 Datasheet(HTML) 52 Page - ATMEL Corporation

Back Button ATXMEGA8E5_14 Datasheet HTML 48Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 49Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 50Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 51Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 52Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 53Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 54Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 55Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 56Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 147 page
background image
52
XMEGA E5 [DATASHEET]
Atmel-8153I–AVR-ATxmega8E5-ATxmega16E5-ATxmega32E5_Datasheet–08/2014
Figure 28-1. ADC overview.
The ADC may be configured for 8- or 12-bit result, reducing the propagation delay from 3.35µs for 12-bit to 2.3µs for 8-bit
result. ADC conversion results are provided left- or right adjusted with eases calculation when the result is represented
as a signed.
PORTA has one ADC. Notation of this peripheral is ADCA.
ADC
Digital Correction Logic
2
2
clkADC
VINP
VINN
Stage
1
Stage
2
½x - 64x
S&H
Σ
ADC
DAC
2x
2 bits
VIN
VOUT
Reference
Voltage
Internal 1.00V
Internal AVCC/1.6
AREFA
AREFD
Internal AVCC/2
Internal
Signals
ADC1
ADC14
•
•
•
ADC0
ADC7
•
•
•
ADC0
ADC15
Threshold
(Int. Req.)
RES
CMP
<
>
Averaging
Gain & Offset
Error
Correction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com