Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATXMEGA8E5 Datasheet(PDF) 45 Page - ATMEL Corporation

Part # ATXMEGA8E5
Description  8/16-bit Atmel AVR XMEGA Microcontrollers
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA8E5 Datasheet(HTML) 45 Page - ATMEL Corporation

Back Button ATXMEGA8E5_14 Datasheet HTML 41Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 42Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 43Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 44Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 45Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 46Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 47Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 48Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 49Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 147 page
background image
45
XMEGA E5 [DATASHEET]
Atmel-8153I–AVR-ATxmega8E5-ATxmega16E5-ATxmega32E5_Datasheet–08/2014
24.
USART
24.1
Features
Two identical USART peripherals
Full-duplex or one-wire half-duplex operation
Asynchronous or synchronous operation
Synchronous clock rates up to 1/2 of the device clock frequency
Asynchronous clock rates up to 1/8 of the device clock frequency
Supports serial frames with:
5, 6, 7, 8, or 9 data bits
Optionally even and odd parity bits
1 or 2 stop bits
Fractional baud rate generator
Can generate desired baud rate from any system clock frequency
No need for external oscillator with certain frequencies
Built-in error detection and correction schemes
Odd or even parity generation and parity check
Data overrun and framing error detection
Noise filtering includes false start bit detection and digital low-pass filter
Separate interrupts for
Transmit complete
Transmit data register empty
Receive complete
Multiprocessor communication mode
Addressing scheme to address a specific devices on a multidevice bus
Enable unaddressed devices to automatically ignore all frames
System wake-up from Start bit
Master SPI mode
Double buffered operation
Configurable data order
Operation up to 1/2 of the peripheral clock frequency
IRCOM module for IrDA compliant pulse modulation/demodulation
One USART is connected to XMEGA Custom Logic (XCL) module:
Extend serial frame length up to 256 bit by using the peripheral counter
Modulate/demodulate data within the frame by using the glue logic outputs
24.2
Overview
The universal synchronous and asynchronous serial receiver and transmitter (USART) is a fast and flexible serial
communication module. The USART supports full-duplex with asynchronous and synchronous operation and single wire
half-duplex communication with asynchronous operation. The USART can be configured to operate in SPI master mode
and used for SPI communication.
Communication is frame based, and the frame format can be customized to support a wide range of standards. The
USART is buffered in both directions, enabling continued data transmission without any delay between frames. Separate
interrupts for receive and transmit complete enable fully interrupt driven communication. Frame error and buffer overflow
are detected in hardware and indicated with separate status flags. Even or odd parity generation and parity check can
also be enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com