Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATXMEGA8E5 Datasheet(PDF) 53 Page - ATMEL Corporation

Part # ATXMEGA8E5
Description  8/16-bit Atmel AVR XMEGA Microcontrollers
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA8E5 Datasheet(HTML) 53 Page - ATMEL Corporation

Back Button ATXMEGA8E5_14 Datasheet HTML 49Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 50Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 51Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 52Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 53Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 54Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 55Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 56Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 57Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 147 page
background image
53
XMEGA E5 [DATASHEET]
Atmel-8153I–AVR-ATxmega8E5-ATxmega16E5-ATxmega32E5_Datasheet–08/2014
29.
DAC – Digital to Analog Converter
29.1
Features
One Digital to Analog Converter (DAC)
12-bit resolution
Two independent, continuous-drive output channels
Up to 1 million samples per second conversion rate per DAC channel
Built-in calibration that removes:
Offset error
Gain error
Multiple conversion trigger sources
On new available data
Events from the event system
Drive capabilities and support for
Resistive loads
Capacitive loads
Combined resistive and capacitive loads
Internal and external reference options
DAC output available as input to analog comparator and ADC
Low-power mode, with reduced drive strength
Optional EDMA transfer of data
29.2
Overview
The digital-to-analog converter (DAC) converts digital values to voltages. The DAC has two channels, each with 12-bit
resolution, and is capable of converting up to one million samples per second (Msps) on each channel. The built-in
calibration system can remove offset and gain error when loaded with calibration values from software.
Figure 29-1. DAC overview.
A DAC conversion is automatically started when new data to be converted are available. Events from the event system
can also be used to trigger a conversion, and this enables synchronized and timed conversions between the DAC and
other peripherals, such as a timer/counter. The EDMA controller can be used to transfer data to the DAC.
DAC0
DAC1
CTRLA
CH1DATA
CH0DATA
Trigger
Trigger
Internal Output
enable
Enable
Internal 1.00V
AREFA
Reference
selection
AVCC
Output
Driver
Output
Driver
D
A
T
A
Int.
driver
D
A
T
A
CTRLB
EDMA req
(Data Empty)
EDMA req
(Data Empty)
Select
12
12
Select
Enable
To
AC/ADC
AREFD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com