Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATXMEGA8E5 Datasheet(PDF) 85 Page - ATMEL Corporation

Part # ATXMEGA8E5
Description  8/16-bit Atmel AVR XMEGA Microcontrollers
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA8E5 Datasheet(HTML) 85 Page - ATMEL Corporation

Back Button ATXMEGA8E5_14 Datasheet HTML 81Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 82Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 83Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 84Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 85Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 86Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 87Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 88Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 89Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 147 page
background image
85
XMEGA E5 [DATASHEET]
Atmel-8153I–AVR-ATxmega8E5-ATxmega16E5-ATxmega32E5_Datasheet–08/2014
36.13 Clock and Oscillator Characteristics
36.13.1 Calibrated 32.768kHz Internal Oscillator Characteristics
Table 36-20. 32.768kHz internal oscillator characteristics.
36.13.2 Calibrated 8MHz Internal Oscillator Characteristics
Table 36-21. 8MHz internal oscillator characteristics.
36.13.3 Calibrated and tunable 32MHz Internal Oscillator Characteristics
Table 36-22. 32MHz internal oscillator characteristics
.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
Frequency
32.768
kHz
Factory calibration accuracy
T = 25°C, VCC = 3.0V
-0.5
0.5
%
User calibration accuracy
-0.5
0.5
%
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
Frequency range
4.4
9.4
MHz
Factory calibrated frequency
8
MHz
Factory calibration accuracy
T = 25°C, VCC = 3.0V
-0.5
0.5
%
User calibration accuracy
-0.5
0.5
%
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
Frequency range
DFLL can tune to this frequency over
voltage and temperature
30
55
MHz
Factory calibrated frequency
32
MHz
Factory calibration accuracy
T = 25°C, VCC = 3.0V
-1.5
1.5
%
User calibration accuracy
-0.2
0.2
%
DFLL calibration step size
0.23
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com