Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL6965 Datasheet(PDF) 13 Page - Hynix Semiconductor

Part # GL6965
Description  Telephone Speech Network with Dialer Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GL6965 Datasheet(HTML) 13 Page - Hynix Semiconductor

Back Button GL6965 Datasheet HTML 9Page - Hynix Semiconductor GL6965 Datasheet HTML 10Page - Hynix Semiconductor GL6965 Datasheet HTML 11Page - Hynix Semiconductor GL6965 Datasheet HTML 12Page - Hynix Semiconductor GL6965 Datasheet HTML 13Page - Hynix Semiconductor GL6965 Datasheet HTML 14Page - Hynix Semiconductor GL6965 Datasheet HTML 15Page - Hynix Semiconductor GL6965 Datasheet HTML 16Page - Hynix Semiconductor GL6965 Datasheet HTML 17Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
GL6965
13
Description Functions
1. Line voltage increasing circuit (up)
The voltage of VL,VCC or VREF can be increased by connecting UP terminal to GND directly or
through the resistance.
The internal equivalent circuit is as shown in the figure.
(1) The voltage increased most up to about 1.5V in VL when UP terminal is directly connected to
GND. when the resistance is inserted the voltage increases according to the resistance value.
(See graph)
(2) In case of usage with MUTE terminal connected, the line voltage can be increased only at
muting.
(3) Avoid impressing the voltage over VCC or under GND.
(4) When not in use, make the circuit opened or connected to VCC.
Internal equivalent circuit
2. Side tone protection circuit (Balancing circuit)
The time constant (hereafter referred to as BN constant) of the side tone protection circuit in the
example of application circuit is adjusted nearly to 0.4
φ 7dB. Since the side tone characteristic
varies according to this BN time constant, adjust the time constant confirming to the function of the
telephone set.
EXAMPLE OF BN TIME CONSTANT
In case of 0.5
φ 7dB is determined
to be the center.
PIN20 (VCC)
PIN20 (UP)
10k
5 k
1.5
lUP
0.015
µF
10 k
Ω
2.0 k§ Ù
6.2 k§ Ù



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com