Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL6965 Datasheet(PDF) 2 Page - Hynix Semiconductor

Part # GL6965
Description  Telephone Speech Network with Dialer Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GL6965 Datasheet(HTML) 2 Page - Hynix Semiconductor

  GL6965 Datasheet HTML 1Page - Hynix Semiconductor GL6965 Datasheet HTML 2Page - Hynix Semiconductor GL6965 Datasheet HTML 3Page - Hynix Semiconductor GL6965 Datasheet HTML 4Page - Hynix Semiconductor GL6965 Datasheet HTML 5Page - Hynix Semiconductor GL6965 Datasheet HTML 6Page - Hynix Semiconductor GL6965 Datasheet HTML 7Page - Hynix Semiconductor GL6965 Datasheet HTML 8Page - Hynix Semiconductor GL6965 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
GL6965
2
Absolute Maximum Ratings (
C
25
Ta
°
=
)
Parameter
Symbol
Value
Unit
Line Voltage
Line Current
Power Dissipation
Operating Temperature
Storage Temperature
L
V
L
I
D
P
opr
T
stg
T
15
150
1300
70
~
30
−
150
~
55
−
V
mA
mW
C
°
C
°
Block Diagram
Electrical Characteristics (
C
25
Ta
°
=
)
Parameter
Symbol
Test
Cir-
cuit
Test Condition
Min.
Typ.
Max.
Unit
IL=20mA
2.9
3.2
3.6
V
Line Voltage
L
V
1
IL=120mA
9
11
14
V
IL=20mA
1.75
1.90
2.20
V
Internal Power Supply
Voltage
CC
V
1
IL=120mA
5.8
6.1
6.6
V
1
INTERNAL
REFERENCE
CIRCUIT
9
10
2
3
17
16
15
14
13
12
20
11
4
5
6
7
8
18
19
LINE DRIVER
VCC
VCC
10K
5.5K
Iup
UP
AC Bias
AC Bias
AMP
Vref
TRANSMIT SW/BUFFER
27.4K
Vref
MFI
TPO
TPI1
TPI2
VCC
VCC
VL
TOl
TOO
BTI
RPO
RPI1
RPI2
REF
PADC
MUTE
GND
RO2
RO1
RECEIVING
INPUT
AMP
RECEIVING
GAIN
CONTROLLER
VCC
Vref
TRANSMIT
GAIN
CONTROLLER
TRANSMIT
INPUT
AMP
SW/BUFFER
RECEIVING
+
+
+
+
+
+
+
+
17.7K
17.7K
9.3K
4K
RECEIVING
DRIVE AMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com